Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0010 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0010
Description  Arduino Nano 328 (SKU: DFR0010)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0010 Datasheet(HTML) 1 Page - DFROBOT

  DFR0010 Datasheet HTML 1Page - DFROBOT DFR0010 Datasheet HTML 2Page - DFROBOT DFR0010 Datasheet HTML 3Page - DFROBOT DFR0010 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
Arduino Nano 328 (SKU: DFR0010) 
Contents
1 Introduction
2 Specification
3 Power
4 Memory
5 Input and Output
6 Communication
7 Programming
8 Automatic (Software) Reset
Introduction
Arduino Nano 328 (SKU: DFR0010)
The DFRduino Nano USB Microcontroller V3 (ATMega 328) is a breadboard ready version of the
Arduino mini with integrated USB. The Nano has everything that the Diecimila has (electronically)
with more analog input pins and an on-board +5V AREF jumper. The Nano automatically senses
and switches to the higher power supply, so there is no need for a power select jumper.


Similar Part No. - DFR0010

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0012 DFROBOT-DFR0012 Datasheet
126Kb / 3P
Arduino Nano IO Shield (SKU: DFR0012)
DFR0013 DFROBOT-DFR0013 Datasheet
257Kb / 5P
IIC to GPIO Shield V2.0 SKU: DFR0013
DFR0015 DFROBOT-DFR0015 Datasheet
203Kb / 3P
Xbee Shield For Arduino (no Xbee) (SKU:DFR0015)
5-2-17
DFR0016 DFROBOT-DFR0016 Datasheet
111Kb / 1P
Mega Prototyping Shield for Arduino Mega Due SKU:DFR0016
4-21-17
DFR0017 DFROBOT-DFR0017 Datasheet
231Kb / 3P
Relay Module (Arduino Compatible) (SKU: DFR0017)
More results

Similar Description - DFR0010

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VIM-328 VARITRONIX-VIM-328 Datasheet
40Kb / 1P
VIM-328
logo
SparkFun Electronics
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
logo
List of Unclassifed Man...
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
A000005 ETC-A000005 Datasheet
303Kb / 4P
The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com