Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0010 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0010
Description  Arduino Nano 328 (SKU: DFR0010)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0010 Datasheet(HTML) 2 Page - DFROBOT

  DFR0010 Datasheet HTML 1Page - DFROBOT DFR0010 Datasheet HTML 2Page - DFROBOT DFR0010 Datasheet HTML 3Page - DFROBOT DFR0010 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The nano's pin layout works well with the Mini or the Basic Stamp (TX, RX, ATN, GND on one side,
power and ground on the other). The DFRobot DFRduino Nano USB Microcontroller V3 (ATMega
328) can be powered via the mini-B USB connection, 6-20V unregulated external power supply (pin
30), or 5V regulated external power supply (pin 27). The power source is automatically selected to
the highest voltage source.
Specification
Microcontroller Atmel ATmega168 or ATmega328
Operating Voltage (logic level) 5 V
Input Voltage (recommended) 7-12 V
Input Voltage (limits) 6-20 V
Digital I/O Pins 14 (of which 6 provide PWM output)
Analog Input Pins 8
DC Current per I/O Pin 40 mA
Flash Memory 16 KB (ATmega168) or 32 KB (ATmega328) of which 2 KB used by bootloader
SRAM 1 KB (ATmega168) or 2 KB (ATmega328)
EEPROM 512 bytes (ATmega168) or 1 KB (ATmega328)
Clock Speed 16 MHz
Dimensions 0.73" x 1.70
Power
The DFRduino Nano can be powered via the Micro USB connection, 6-20V unregulated external
power supply (pin 30), or 5V regulated external power supply (pin 27). The power source is
automatically selected to the highest voltage source.
The FTDI FT232RL chip on the Nano is only powered if the board is being powered over USB. As a
result, when running on external (non-USB) power, the 3.3V output (which is supplied by the FTDI
chip) is not available and the RX and TX LEDs will flicker if digital pins 0 or 1 are high.
Memory
The DFRduino Duemilanove 168 (SKU:DFR0002) has 16 KB of flash memory for storing code (of
which 2 KB is used for the bootloader); the ATmega328 has 32 KB, (also with 2 KB used for the
bootloader). The ATmega168 has 1 KB of SRAM and 512 bytes of EEPROM (which can be read
and written with the EEPROM library); the ATmega328 has 2 KB of SRAM and 1 KB of EEPROM.
Input and Output
Each of the 14 digital pins on the Nano can be used as an input or output, using pinMode(),
digitalWrite(), and digitalRead() functions. They operate at 5 volts. Each pin can provide or receive a
maximum of 40 mA and has an internal pull-up resistor (disconnected by default) of 20-50 kOhms. In
addition, some pins have specialized functions:
Serial: 0 (RX) and 1 (TX). Used to receive (RX) and transmit (TX) TTL serial data. These pins are
connected to the corresponding pins of the FTDI USB-to-TTL Serial chip.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com