Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0013 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0013
Description  IIC to GPIO Shield V2.0 SKU: DFR0013
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0013 Datasheet(HTML) 2 Page - DFROBOT

  DFR0013 Datasheet HTML 1Page - DFROBOT DFR0013 Datasheet HTML 2Page - DFROBOT DFR0013 Datasheet HTML 3Page - DFROBOT DFR0013 Datasheet HTML 4Page - DFROBOT DFR0013 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specification
Module power supply: +5 V
16 Digital I/O port comes with internal pull-up
Can be set to eight addresses (address range of 0x20 ~ 0x27)
8 modules simultaneously in parallel (IIC bus need to pull together)
Module Size: 56x53mm (2.21x2.08 in)
Board Overview
 
Plug = 0
Unplug = 1
A2
A1
A0
IIC Address
0
0
0
0x20 (Default)
0
0
1
0x21
0
1
0
0x22
0
1
1
0x23
1
0
0
0x24
1
0
1
0x25
1
1
1
0x26
1
1
1
0x27



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com