Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0013 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0013
Description  IIC to GPIO Shield V2.0 SKU: DFR0013
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0013 Datasheet(HTML) 1 Page - DFROBOT

  DFR0013 Datasheet HTML 1Page - DFROBOT DFR0013 Datasheet HTML 2Page - DFROBOT DFR0013 Datasheet HTML 3Page - DFROBOT DFR0013 Datasheet HTML 4Page - DFROBOT DFR0013 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
IIC to GPIO Shield V2.0 SKU: DFR0013 
Contents
1 Introduction
2 Specification
3 Board Overview
4 Tutorial
4.1 Requirements
4.2 Connection Diagram
4.3 Sample Code
5 Library Explanation
5.1 Library Functions
5.2 Pin map
6 FAQ
Introduction
Having troubles with inadequate digital I/O when using Arduino with robots or interactive media?
This IIC to GPIO shield helps you solve the problem, Arduino has only two data lines (SCL-Analog
PIN5, SDA-Analog PIN4) and IIC can transfer I / O module communication, to convert the 16 digital
IO ports, read-write. 8 simultaneous parallel modules, each module can be set to address.


Similar Part No. - DFR0013

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0010 DFROBOT-DFR0010 Datasheet
102Kb / 4P
Arduino Nano 328 (SKU: DFR0010)
DFR0012 DFROBOT-DFR0012 Datasheet
126Kb / 3P
Arduino Nano IO Shield (SKU: DFR0012)
DFR0015 DFROBOT-DFR0015 Datasheet
203Kb / 3P
Xbee Shield For Arduino (no Xbee) (SKU:DFR0015)
5-2-17
DFR0016 DFROBOT-DFR0016 Datasheet
111Kb / 1P
Mega Prototyping Shield for Arduino Mega Due SKU:DFR0016
4-21-17
DFR0017 DFROBOT-DFR0017 Datasheet
231Kb / 3P
Relay Module (Arduino Compatible) (SKU: DFR0017)
More results

Similar Description - DFR0013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA24C1024 ETC-SA24C1024 Datasheet
680Kb / 27P
1024Kb EEPROM IIC
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
Encoder // Decoder IIC?쇺?s
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
logo
Maxim Integrated Produc...
MAX22005EVKIT MAXIM-MAX22005EVKIT Datasheet
1Mb / 19P
Access to Eight GPIO Channels
Rev 0; 3/21
logo
List of Unclassifed Man...
TI60 ETC-TI60 Datasheet
969Kb / 70P
DSTi60-v2.0
April 2022
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
Infineon Technologies A...
TC3X9 INFINEON-TC3X9 Datasheet
1Mb / 57P
Hardware: TriBoard TC3X9 TH V2.0(1) and TriBoard TC3X9 V2.0
V2.1 2017-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com