Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0023 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0023
Description  DFRobot LM35 Linear Temperature Sensor (SKU:DFR0023)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0023 Datasheet(HTML) 1 Page - DFROBOT

  DFR0023 Datasheet HTML 1Page - DFROBOT DFR0023 Datasheet HTML 2Page - DFROBOT DFR0023 Datasheet HTML 3Page - DFROBOT DFR0023 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
DFRobot LM35 Linear Temperature Sensor (SKU:DFR0023)
DFRobot LM35 Linear Temperature Sensor
Contents
1 Introduction
2 Specification
3 Tutorial
3.1 Connection Diagram
3.2 Sample Code1
3.3 Sample Code 2
4 Trouble shooting
5 More
Introduction
The DFRobot LM35 Linear Temperature Sensor is based on the semiconductor LM35 temperature
sensor. The DFRobot LM35 Linear Temperature Sensor can be used to detect ambient air
temperature. This sensor is produced by National Semiconductor Corporation and offers a functional
range between 0 degree Celsius to 100 degree Celsius. Sensitivity is 10mV per degree Celsius. The
output voltage is proportional to the temperature.
It is commonly used as a temperature measurement sensors. It includes thermocouples, platinum
resistance, thermal resistance and temperature semiconductor chips, which commonly used in high
temperature measurement thermocouples. Platinum resistance temperature used in the
measurement of 800 degrees Celsius, while the thermal resistance and semiconductor temperature
sensor suitable for measuring the temperature of 100-200 degrees or below, in which the application


Similar Part No. - DFR0023

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0021-B DFROBOT-DFR0021-B Datasheet
55Kb / 2P
Gravity: Digital Blue LED Light Module
DFR0021-G DFROBOT-DFR0021-G Datasheet
53Kb / 1P
Gravity: Digital Green LED Light Module
DFR0021-R DFROBOT-DFR0021-R Datasheet
131Kb / 2P
Gravity:Digital RED LED Light Module
DFR0021-W DFROBOT-DFR0021-W Datasheet
94Kb / 1P
Gravity:Digital White LED Light Module
DFR0022 DFROBOT-DFR0022 Datasheet
275Kb / 2P
Analog Grayscale Sensor V2 SKU:DFR0022
More results

Similar Description - DFR0023

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
Linear Hall Sensor
AH496B AHNJ-AH496B Datasheet
673Kb / 8P
Linear Hall Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com