Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0023 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0023
Description  DFRobot LM35 Linear Temperature Sensor (SKU:DFR0023)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0023 Datasheet(HTML) 2 Page - DFROBOT

  DFR0023 Datasheet HTML 1Page - DFROBOT DFR0023 Datasheet HTML 2Page - DFROBOT DFR0023 Datasheet HTML 3Page - DFROBOT DFR0023 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of a simple semiconductor temperature sensor has good linearity and high sensitivity. The LM35
linear temperature sensor and sensor-specific expansion of Arduino board, in combination, can be
very easy to achieve.
Specification
Based on the semiconductor LM35 temperature sensor
Can be used to detect ambient air temperature
Sensitivity: 10mV per degree Celcius
Functional range: 0 degree Celsius to 100 degree Celsius
Tutorial
Connection Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com