Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR02AM Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CR02AM
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CR02AM Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CR02AM Datasheet HTML 1Page - Inchange Semiconductor Company Limited CR02AM Datasheet HTML 2Page - Inchange Semiconductor Company Limited CR02AM Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
CR02AM
www.iscsemi.com
1
FEATURES
· Suitable for general purpose AC switching. Which can be used
as an ON/OFF function in applications such as static relays, heating
regulation,induction motor starting circuits. Or for phase control
operation in light dimmers, motor speed controllers etc
APPLICATIONS
· Solid State Relay
· Leakage Protector
· Electric Blankets
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
200/300/400
V
VRRM
Repetitive Peak Off-state Voltage
200/300/400
V
IT(RMS)
Non Repetitive Surge Peak On-state Current
0.47
A
IT(AV)
Average On-State Current (sine half wave, Ta= 30℃)
0.3
A
ITSM
Non-repetitive Peak On-state Current (60Hz sine half wave, 1 full cycle)
10
A
I2t
I2t Value for Fusing (1 full cycle of half wave 60Hz)
0.4
A2S
PG(AV)
Average Gate Power Dissipation TJ = 125°C
0.01
W
TJ
Operating Junction Temperature
125
℃
Tstg
Storage Temperature
-40~125
℃


Similar Part No. - CR02AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
77Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Suntac Electronic Corp.
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
Sensitive Gate Silicon controlled Rectifier
logo
HAOPIN MICROELECTRONICS...
CR02AM HAOPIN-CR02AM Datasheet
179Kb / 5P
Blocking voltage to 400 V
More results

Similar Description - CR02AM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com