Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV48A Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV48A
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV48A Datasheet(HTML) 1 Page - STMicroelectronics

  BUV48A Datasheet HTML 1Page - STMicroelectronics BUV48A Datasheet HTML 2Page - STMicroelectronics BUV48A Datasheet HTML 3Page - STMicroelectronics BUV48A Datasheet HTML 4Page - STMicroelectronics BUV48A Datasheet HTML 5Page - STMicroelectronics BUV48A Datasheet HTML 6Page - STMicroelectronics BUV48A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUX48/48A
BUV48A/V48AFI
HIGH POWER NPN SILICON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
NPN TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES
s
FLYBACK AND FORWARD SINGLE
TRANSISTOR LOW POWER CONVERTERS
DESCRIPTION
The BUX48/A, BUV48A and BUV48AFI are
silicon
Multiepitaxial
Mesa
NPN
transistors
mounted respectively in TO-3 metal case, TO-218
plastic package and ISOWATT218 fully isolated
package. They are particulary intended for
switching and industrial applications from single
and tree-phase mains.
INTERNAL SCHEMATIC DIAGRAM
January 2000
1
2
3
ISOWATT218
1
2
TO-3
1
2
3
TO-218
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BUX48
BUX48A
BUV48A
BUV48AFI
VCER
Collector-Emitter Voltage (RBE = 10
Ω)
850
1000
V
VCES
Collector-Emitter Voltage (VBE = 0)
850
1000
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
450
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
15
A
ICM
Collector Peak Current
30
A
ICP
Collector Peak Current non repetitive (tp <20
µs)
55
A
IB
Base Current
4
A
IBM
Base Peak Current
20
A
TO-3
TO-218
ISOWATT218
Ptot
Total Dissipation at Tc = 25
oC
175
125
55
W
Tstg
Storage Temperature
-65 to200
-65 to 150
-65 to 150
oC
Tj
Max. Operating Junction Temperature
200
150
150
oC
®
For TO-3 Package
Others Packages
1/7


Similar Part No. - BUV48A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48A MOSPEC-BUV48A Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
Motorola, Inc
BUV48A MOTOROLA-BUV48A Datasheet
308Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
logo
ON Semiconductor
BUV48A ONSEMI-BUV48A Datasheet
280Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
logo
Power Innovations Ltd
BUV48A POINN-BUV48A Datasheet
189Kb / 8P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
BUV48A TRSYS-BUV48A Datasheet
575Kb / 7P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - BUV48A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
Nell Semiconductor Co.,...
BUX48 NELLSEMI-BUX48 Datasheet
400Kb / 8P
High Power NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
NPN High Power Silicon Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com