Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV48A Datasheet (PDF) - ON Semiconductor

BUV48A Datasheet PDF - ON Semiconductor
Part # BUV48A
Download  BUV48A Download
File Size   280.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SITCHMODE II Series NPN Silicon Power Transistors

BUV48A Datasheet (PDF)

Go To PDF Page Download Datasheet
BUV48A Datasheet PDF - ON Semiconductor

Part # BUV48A
Download  BUV48A Click to download

File Size   280.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SITCHMODE II Series NPN Silicon Power Transistors

BUV48A Datasheet (HTML) - ON Semiconductor


BUV48A Product details

The BUV48/BUV48A transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line–operated switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
   Fast Turn–Off Times
      60 ns Inductive Fall Time — 25°C (Typ)
      120 ns Inductive Crossover Time — 25°C (Typ)
   Operating Temperature Range –65 to +175°C
   100°C Performance Specified for:
      Reverse–Biased SOA with Inductive Loads
      Switching Times with Inductive Loads
      Saturation Voltage
      Leakage Currents (125°C)




Similar Part No. - BUV48A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48A MOSPEC-BUV48A Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
Motorola, Inc
BUV48A MOTOROLA-BUV48A Datasheet
308Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
logo
Power Innovations Ltd
BUV48A POINN-BUV48A Datasheet
189Kb / 8P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BUV48A STMICROELECTRONICS-BUV48A Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
Jan-2000
logo
Transys Electronics
BUV48A TRSYS-BUV48A Datasheet
575Kb / 7P
NPN SILICON POWER TRANSISTORS
More results


Similar Description - BUV48A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV48 MOTOROLA-BUV48 Datasheet
308Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
BUX48 MOTOROLA-BUX48 Datasheet
325Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
logo
ON Semiconductor
BUS98 ONSEMI-BUS98 Datasheet
324Kb / 8P
SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
BUV11 ONSEMI-BUV11 Datasheet
138Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV20 ONSEMI-BUV20 Datasheet
142Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
BUV21 ONSEMI-BUV21 Datasheet
139Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV22 ONSEMI-BUV22 Datasheet
137Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
REV 7
BUX48 ONSEMI-BUX48 Datasheet
325Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
REV 7
logo
Motorola, Inc
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6544 NJSEMI-2N6544 Datasheet
97Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com