Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4800IX Datasheet(PDF) 13 Page - ON Semiconductor

Part # ML4800IX
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IX Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ML4800IX Datasheet HTML 8Page - ON Semiconductor ML4800IX Datasheet HTML 9Page - ON Semiconductor ML4800IX Datasheet HTML 10Page - ON Semiconductor ML4800IX Datasheet HTML 11Page - ON Semiconductor ML4800IX Datasheet HTML 12Page - ON Semiconductor ML4800IX Datasheet HTML 13Page - ON Semiconductor ML4800IX Datasheet HTML 14Page - ON Semiconductor ML4800IX Datasheet HTML 15Page - ON Semiconductor ML4800IX Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ML4800
PRODUCT SPECIFICATION
12
REV. 1.0.5 9/25/01
Leading/Trailing Modulation
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will
turn on right after the trailing edge of the system clock. The
error amplifier output voltage is then compared with the
modulating ramp. When the modulating ramp reaches the
level of the error amplifier output voltage, the switch will be
turned OFF. When the switch is ON, the inductor current will
ramp up. The effective duty cycle of the trailing edge modu-
lation is determined during the ON time of the switch. Figure
4 shows a typical trailing edge control scheme.
In the case of leading edge modulation, the switch is turned
OFF right at the leading edge of the system clock. When the
modulating ramp reaches the level of the error amplifier out-
put voltage, the switch will be turned ON. The effective
duty-cycle of the leading edge modulation is determined dur-
ing the OFF time of the switch. Figure 5 shows a leading
edge control scheme.
One of the advantages of this control technique is that it
requires only one system clock. Switch 1 (SW1) turns off
and switch 2 (SW2) turns on at the same instant to minimize
the momentary “no-load” period, thus lowering ripple volt-
age generated by the switching action. With such synchro-
nized switching, the ripple voltage of the first stage is
reduced. Calculation and evaluation have shown that the
120Hz component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method.
Typical Applications
Figure 6 is the application circuit for a complete 100W
power factor corrected power supply, designed using the
methods and general topology detailed in Application Note
33.
Figure 5. Typical Leading Edge Control Scheme
REF
EA
–
+
–
+
OSC
DFF
R
D
Q
Q
CLK
U1
RAMP
CLK
U4
U3
C1
RL
I4
SW2
SW1
+
DC
I1
I2
I3
VIN
L1
VEAO
CMP
U2
RAMP
VEAO
TIME
VSW1
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com