Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4800IX Datasheet(PDF) 2 Page - ON Semiconductor

Part # ML4800IX
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IX Datasheet(HTML) 2 Page - ON Semiconductor

  ML4800IX Datasheet HTML 1Page - ON Semiconductor ML4800IX Datasheet HTML 2Page - ON Semiconductor ML4800IX Datasheet HTML 3Page - ON Semiconductor ML4800IX Datasheet HTML 4Page - ON Semiconductor ML4800IX Datasheet HTML 5Page - ON Semiconductor ML4800IX Datasheet HTML 6Page - ON Semiconductor ML4800IX Datasheet HTML 7Page - ON Semiconductor ML4800IX Datasheet HTML 8Page - ON Semiconductor ML4800IX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.fairchildsemi.com
REV. 1.0.5 9/25/01
Features
• Internally synchronized leading-edge PFC and trailing-
edge PWM in one IC
• TriFault Detect™ for UL1950 compliance and enhanced
safety
• Slew rate enhanced transconductance error amplifier for
ultra-fast PFC response
• Low power: 200µA startup current, 5.5mA operating
current
• Low total harmonic distortion, high PF
• Reduced ripple current in storage capacitor between PFC
and PWM sections
• Average current, continuous boost leading edge PFC
• PWM configurable for current-mode or voltage mode
operation
• Current fed gain modulator for improved noise immunity
• Overvoltage and brown-out protection, UVLO, and soft
start
General Description
The ML4800 is a controller for power factor corrected,
switched mode power supplies. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk capacitors,
reduces power line loading and stress on the switching FETs,
and results in a power supply that fully complies with
IEC1000-3-2 specification. Intended as a BiCMOS version
of the industry-standard ML4824, the ML4800 includes
circuits for the implementation of leading edge, average
current, “boost” type power factor correction and a trailing
edge, pulse width modulator (PWM). It also includes a
TriFault Detect™ function to help ensure that no unsafe
conditions will result from single component failure in the
PFC. Gate-drivers with 1A capabilities minimize the need
for external driver circuits. Low power requirements improve
efficiency and reduce component costs.
An over-voltage comparator shuts down the PFC section in
the event of a sudden decrease in load. The PFC section also
includes peak current limiting and input voltage brownout
protection. The PWM section can be operated in current or
voltage mode, at up to 250kHz, and includes an accurate
50% duty cycle limit to prevent transformer saturation.
Block Diagram
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
TRI-FAULT
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VCC
VEA
7
-
+
IEA
1
+
-
+
-
+
-
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.75V
0.5V
-1V
RAMP 2
8
PWM OUT
11
S
R
Q
Q
VDC
6
SS
5
DC ILIMIT
9
VCC
DUTY CYCLE
LIMIT
-
+
1.0V
-
+
2.45V
VFB
-
+
VREF
VIN OK
GAIN
MODULATOR
VCC
1.6k
Ω
1.6k
Ω
1.25V
25
µA
-
+
DC ILIMIT
17V
ML4800
Power Factor Correction and PWM Controller
Combo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com