Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0034 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0034
Description  Analog Sound Sensor SKU: DFR0034
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0034 Datasheet(HTML) 1 Page - DFROBOT

  DFR0034 Datasheet HTML 1Page - DFROBOT DFR0034 Datasheet HTML 2Page - DFROBOT DFR0034 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Analog Sound Sensor SKU: DFR0034
 
Contents
1 Introduction
2 Specification
3 PinOut
4 Tutorial
4.1 Connection Diagram
4.2 Sample Code
4.3 Result
5 Trouble shooting
Introduction
This is an updated version of the Analog Sound Sensor. Analog Sound Sensor is typically used in
detecting the loudness in ambient, the Arduino can collect its output signal by imitating the input
interface. You may use it to make some funny interactive works such as a voice operated switch.
As one of our new version of breakout boards, we have improved the analog sound sensor in below:
Wide voltage range from 3.3V to 5V
Standard assembling structure (two 3mm holes with multiple of 5cm as interval)
Easily recognitive interfaces of sensors ("A" for analog and "D" for digital)
Icons to simplely illustrate sensor function
High quality connector
Immersion gold surface


Similar Part No. - DFR0034

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0030 DFROBOT-DFR0030 Datasheet
114Kb / 3P
Gravity: Digital Capacitive Touch Sensor For Arduino
DFR0031 DFROBOT-DFR0031 Datasheet
152Kb / 3P
Digital piranha LED light module (SKU: DFR0031)
DFR0031-B DFROBOT-DFR0031-B Datasheet
56Kb / 1P
Gravity:Digital piranha LED module-Blue
DFR0031-G DFROBOT-DFR0031-G Datasheet
197Kb / 4P
Digital piranha LED light module ‐ Green (SKU: DFR0031‐G)
DFR0031-R DFROBOT-DFR0031-R Datasheet
52Kb / 1P
Gravity:Digital Piranha LED Module-Red
More results

Similar Description - DFR0034

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
Extech Instruments Corp...
407703A EXTECH-407703A Datasheet
177Kb / 1P
Analog Sound Level Meter
407706 EXTECH-407706 Datasheet
61Kb / 2P
Analog Sound Level Meter
logo
List of Unclassifed Man...
KY-038 ETC2-KY-038 Datasheet
91Kb / 2P
Microphone sound sensor module
logo
Pepperl+Fuchs Inc.
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
Inductive analog sensor
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
Inductive analog sensor
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
Pepperl+Fuchs Inc.
NBN15-30GM60-I3-5M PF-NBN15-30GM60-I3-5M Datasheet
795Kb / 2P
Inductive analog sensor
2022-06-30
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com