Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0095 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0095
Description  DIGITAL IR Transmitter Module (SKU:DFR0095)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0095 Datasheet(HTML) 3 Page - DFROBOT

  DFR0095 Datasheet HTML 1Page - DFROBOT DFR0095 Datasheet HTML 2Page - DFROBOT DFR0095 Datasheet HTML 3Page - DFROBOT DFR0095 Datasheet HTML 4Page - DFROBOT DFR0095 Datasheet HTML 5Page - DFROBOT DFR0095 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
c) Software List
Arduino IDE
d) Connect Diagram
e) Step by Step
Open "Blink" example at rduino IDE
Modify the pin of "int led = 13" to 3
Upload
f) Result
In the darkness of the environment, you are going to see blinking blue light on phone's screen when
use camera to shoot the infrared LED.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com