Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0095 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0095
Description  DIGITAL IR Transmitter Module (SKU:DFR0095)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0095 Datasheet(HTML) 2 Page - DFROBOT

  DFR0095 Datasheet HTML 1Page - DFROBOT DFR0095 Datasheet HTML 2Page - DFROBOT DFR0095 Datasheet HTML 3Page - DFROBOT DFR0095 Datasheet HTML 4Page - DFROBOT DFR0095 Datasheet HTML 5Page - DFROBOT DFR0095 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Applications
Infrared remote control
Infrared communication
Specification
Power Supply:3-5V
Infrared center frequency:850nm-940nm
Infrared emission angle: about 20degree
Infrared emission distance: about 1.3m (5V 38Khz)
Interface socket:JST PH2.0
Size:30x22mm
Mounting hole: inner diameter is 3.2mm,spacing is 15mm
Pinout Diagram
GND:power negative
VCC:power positive
D :digital input; HIGH=open emission, LOW=close emission
Tutorial
See infrared
a) Target: Infrared emission every 1 second
b) Hardware List
DFRduino UNO R3 x1
IO Expansion Shield x1
IR Transmitter Module x1
Phone with camera x1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com