Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65344_JACE Datasheet(PDF) 2 Page - VAT Group AG

Part # 65344_JACE
Description  Control pendulum valve Series 653, DN 160 (I.D. 6”)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

65344_JACE Datasheet(HTML) 2 Page - VAT Group AG

  65344_JACE Datasheet HTML 1Page - VAT Group AG 65344_JACE Datasheet HTML 2Page - VAT Group AG 65344_JACE Datasheet HTML 3Page - VAT Group AG 65344_JACE Datasheet HTML 4Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Control pendulum valve
Series 653, DN 160 (I.D. 6”)
Ordering No. 65344-JACE-0001
Created by: KAMNO
Release date: 11.02.2021
2/4
Modified by:
Release date:
1075701EA
2
Technical data
2.1
Valve unit
Pressure range at 20
°C
1 x 10E-8 mbar to 1.2 bar (abs)
Leak rate at 20
°C
to outside (global)
1 x 10E-9 mbar l/s
seat
1 x 10E-9 mbar l/s
Max. differential pressure on plate
during isolation (in both directions)
1200 mbar in either direction
Max. differential pressure on plate
during opening
10 mbar
Cycles until first service
(preventive maintenance)
throttling
(open – max. throttle – open)
1’000’000 (unheated and under clean
conditions)
isolation
(open – closed – open)
200’000 (unheated and under clean
conditions)
Admissible operating temperature
•
Valve body
•
Ambient
≤ 120°C
≤ 150°C
Mounting position
any (valve seat on chamber side is
recommended)
Process side materials
body
EN AW-6061 (3.3211)
plate
EN AW-6061 (3.3211)
sealing ring
EN AW-6061 (3.3211), AISI 305
(1.4303),
AISI 420C (1.3541), AISI 631 (1.4568)
other parts
AISI 316L (1.4404, 1.4435),
AISI 440 (1.4122), AISI 301 (1.4310),
AISI 316 Ti (1.4571), AISI 304
(1.4301)
Seals
body
FKM (e.g. Viton®)
plate
FKM (e.g. Viton®)
rotary feedthrough atmosphere
side
FKM (e.g. Viton®)
rotary feedthrough vacuum side
FKM (e.g. Viton®)
shaft feedthrough atmosphere
side
FKM (e.g. Viton®)
shaft feedthrough vacuum side
FKM (e.g. Viton®)
bonnet
FKM (e.g. Viton®)
Min. controllable conductance (N2
molecular flow)
4 l/s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com