Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65344_JACE Datasheet(PDF) 4 Page - VAT Group AG

Part # 65344_JACE
Description  Control pendulum valve Series 653, DN 160 (I.D. 6”)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

65344_JACE Datasheet(HTML) 4 Page - VAT Group AG

  65344_JACE Datasheet HTML 1Page - VAT Group AG 65344_JACE Datasheet HTML 2Page - VAT Group AG 65344_JACE Datasheet HTML 3Page - VAT Group AG 65344_JACE Datasheet HTML 4Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Control pendulum valve
Series 653, DN 160 (I.D. 6”)
Ordering No. 65344-JACE-0001
Created by: KAMNO
Release date: 11.02.2021
4/4
Modified by:
Release date:
1075701EA
2.2
Interface
2.4.1
Power Connector
Connector
D-Sub, DA-15, male
Digital inputs
input 1
input 2
interlock open
(adjustable with CPA 4.0)
interlock close
(adjustable with CPA 4.0)
voltage control
contact control
12 … 24V / 4 … 8 mA
24V / 8 mA
Digital outputs
output 1
output 2
valve closed
(adjustable with CPA 4.0)
valve opened
(adjustable with CPA 4.0)
load
max. 70 V / 0.1 A
2.4
Logic
Connector
D-Sub, DB-25, female
Digital inputs
number of inputs
8
voltage control
contact control
5 … 24V / 2 … 10 mA
3.3V / 2 mA
Digital outputs
number of outputs
4
load
max. 70 V / 0.1 A
Analog input
number of inputs
1
voltage range
input resistance
0 … 10V
100 kOhm
Analog outputs
number of outputs
2
voltage range
load
0 … 10V
max. 1 mA
2.5
General data
Weight
approx..18 kg
Dimensional drawing
1075516



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com