Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM54 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CSM54
Description  RF Coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSM54 Datasheet(HTML) 2 Page - Sumida Corporation

  CSM54 Datasheet HTML 1Page - Sumida Corporation CSM54 Datasheet HTML 2Page - Sumida Corporation CSM54 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: CSM54, CSM54N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
RF Coils < SMD Type: CSM Series>
◆ Connection (Bottom View)
“ S” is winding start.
◆ Land Pattern (mm)
CSM54
CSM54N
◆ Specification (CSM54)
NO.
Part NO.
Colour
Mark
Turns
Adjustable capacitance
Variable range
Unloaded
Q
Inductance
Test
Freq.
(1~6) FERRITE CORE
1
CSM54-1R5F
Yellow
1.5 T
107pF±1% Variable
Min 44
10nH
2
CSM54-2R5F
Red
2.5 T
70.6pF±1% Variable
Min 49
21nH
3
CSM54-3R5F
Nature
3.5 T
51.8pF±1.9% Variable
Min 50
34nH
4
CSM54-4R5F
Orange
4.5 T
38.8pF±1.7%Variable
Min 50
48nH
5
CSM54-5R5F
Green
5.5 T
31.9pF±1%
Variable
Min 50
62nH
6
CSM54-6R5F
Blue
6.5 T
27.0pF±1%
Variable
Min 56
77nH
(7~12) AIR CORE
7
CSM54-1R5A
Yellow
1.5 T
107pF±10% Within
Min 46
10nH
8
CSM54-2R5A
Red
2.5 T
76.5pF±10% Within
Min 50
19nH
9
CSM54-3R5A
Nature
3.5 T
57.4pF±10% Within
Min 52
29nH
10
CSM54-4R5A
Orange
4.5 T
45.7pF±10% Within
Min 53
40nH
11
CSM54-5R5A
Green
5.5 T
37.5pF±10% Within
Min 53
52nH
12
CSM54-6R5A
Blue
6.5 T
32.4pF±10% Within
Min 60
63nH
100MHz
2
4
S
6.0
1.4
4.4
6.0
1.5
1.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com