Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM54 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CSM54
Description  RF Coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSM54 Datasheet(HTML) 3 Page - Sumida Corporation

  CSM54 Datasheet HTML 1Page - Sumida Corporation CSM54 Datasheet HTML 2Page - Sumida Corporation CSM54 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: CSM54, CSM54N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
RF Coils < SMD Type: CSM Series>
◆ Specification (CSM54N)
NO.
Part NO.
Colour
Mark
Turns
Adjustable capacitance
Variable range
Unloaded
Q
Inductance
Test
Freq.
(1~6) FERRITE CORE
1
CSM54N-1R5F
Yellow
1.5 T
93.3pF±1.0% Variable
Min 55
12nH
2
CSM54N-2R5F
Red
2.5 T
59.3pF±1.2% Variable
Min 64
28nH
3
CSM54N-3R5F
Nature
3.5 T
38.7pF±2.0% Variable
Min 66
48nH
4
CSM54N-4R5F
Orange
4.5 T
27.4pF±1.8% Variable
Min 69
72nH
5
CSM54N-5R5F
Green
5.5 T
21.1pF±1.0% Variable
Min 63
98nH
6
CSM54N-6R5F
Blue
6.5 T
17.0pF±1.0% Variable
Min 71
126nH
(7~12) AIR CORE
7
CSM54N-1R5A
Yellow
1.5 T
102.1pF±10% Within
Min 53
10nH
8
CSM54N-2R5A
Red
2.5 T
67.9pF±10% Within
Min 58
23nH
9
CSM54N-3R5A
Nature
3.5 T
48.4pF±10% Within
Min 64
37nH
10
CSM54N-4R5A
Orange
4.5 T
36.2pF±10% Within
Min 67
53nH
11
CSM54N-5R5A
Green
5.5 T
28.2pF±10% Within
Min 70
72nH
12
CSM54N-6R5A
Blue
6.5 T
23.3pF±10% Within
Min 81
90nH
100MHz
*The screw cores are allowed to fly out 2 turns from top of bobbin or metal case to get the minimum
inductance.
*Q measured using VHF Q-meter.
*Inductance measured with Agilent 4194A or equivalent, the values reference only.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com