Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0205 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0205
Description  Power Module (SKU:DFR0205)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0205 Datasheet(HTML) 1 Page - DFROBOT

  DFR0205 Datasheet HTML 1Page - DFROBOT DFR0205 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Power Module (SKU:DFR0205)
From Robot Wiki 
Contents
1 Introduction 
2 Specification 
3 Board Overview 
4 Trouble shooting 
Introduction
This Power Module is a small size 5A 350KHz 25V Buck DC to DC Converter.It can convert
any DC voltage between 3.6V-25V to a selectable voltage from 3.3V to 25V.
You can choose 5V direct output voltage with the switch or adjust the output voltage by the
blue&white resistor.It is onvenient for you to choose three different interfaces of output.The
Ovout interface can output the original voltage of input.so that can be used as the power of other
module.
The ON/OFF button on the board can be pulled high to turn the converter module on and low to
turn it off.


Similar Part No. - DFR0205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFR0205 ETC-DFR0205 Datasheet
252Kb / 9P
5A 350KHz 25V Buck DC to DC Converter
More results

Similar Description - DFR0205

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
Power Module
22-Dec-2000
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com