Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0205 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0205
Description  Power Module (SKU:DFR0205)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0205 Datasheet(HTML) 2 Page - DFROBOT

  DFR0205 Datasheet HTML 1Page - DFROBOT DFR0205 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: The input voltage must be higher than output voltage. 
Specification
Input voltage range:3.6V‐25V 
Output adjustable range:3.3V‐25V 
Constant output current:5A@5V 
Max Output Power:25W 
Switching Frequency:350KHZ 
Three different output interface 
One interface of origial voltage output 
Size:46x50x20mm  
Board Overview
 
Power Module diagram 
Trouble shooting
Any question and more cool ideas to share, please visit DFRobot Forum
 
Powered By DFRobot © 2008-2017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com