Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0209 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0209
Description  6 Dof Shield (DFR0209)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0209 Datasheet(HTML) 1 Page - DFROBOT

  DFR0209 Datasheet HTML 1Page - DFROBOT DFR0209 Datasheet HTML 2Page - DFROBOT DFR0209 Datasheet HTML 3Page - DFROBOT DFR0209 Datasheet HTML 4Page - DFROBOT DFR0209 Datasheet HTML 5Page - DFROBOT DFR0209 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
6 Dof Shield (DFR0209)
 
 
Contents
1 Introduction
2 Specification
3 Pinout Diagram
4 Example Code
5 Older revision fix
Introduction
This is a 6 Dof shield for Arduino, using the ADXL345 accelerometer and the ITG-3200 gyro.This
IMU Combo shield also embeded a xbee sockets. So it's suitable for the projects that need
bluetooth, wifi or Zigbee wireless communication.And the shield extends a pair of the encoders, the
motor driver interface and 4 analog input connectors.
It's aimed to run on the balancing robots or mobile platforms. The encoder and motor driver
interfaces are the necessary parts of the your robots. Plugin the rotation sensors to the analog
connectors, then you get the most easy way to adjust the system parameters and debug the
platform.


Similar Part No. - DFR0209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFR0205 ETC-DFR0205 Datasheet
252Kb / 9P
5A 350KHz 25V Buck DC to DC Converter
logo
DFROBOT
DFR0205 DFROBOT-DFR0205 Datasheet
279Kb / 2P
Power Module (SKU:DFR0205)
More results

Similar Description - DFR0209

ManufacturerPart #DatasheetDescription
logo
Epson Company
S7U4E002002 EPSON-S7U4E002002 Datasheet
129Kb / 2P
Micro 6 DOF Sensor Evaluation Module
logo
List of Unclassifed Man...
10DOF ETC-10DOF Datasheet
612Kb / 6P
10 DOF IMU Sensor User Manual
logo
STMicroelectronics
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
logo
Maxim Integrated Produc...
MAX21100 MAXIM-MAX21100 Datasheet
1Mb / 32P
Low-Power, Ultra-Accurate 63 DoF IMU
Rev 1; 10/14
MAX21105 MAXIM-MAX21105 Datasheet
945Kb / 26P
Low-Power, Ultra-Accurate 6 DoF IMU
Rev 0; 12/14
logo
PHOENIX CONTACT
1128864 PHOENIX-1128864 Datasheet
121Kb / 5P
Shield connection - PC 6-SH-PLATE 1-7,62
Jul 20, 2022
1322664 PHOENIX-1322664 Datasheet
104Kb / 3P
Shield connection clamp - SH-PCB 6
Jul 20, 2022
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
logo
Molex Electronics Ltd.
0622015800 MOLEX-0622015800 Datasheet
35Kb / 3P
6-Row Pin and Shield Repair Tool
08/25/2022
0622016000 MOLEX-0622016000 Datasheet
35Kb / 3P
6-Row Shield Extraction Tool
08/26/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com