Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0209 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0209
Description  6 Dof Shield (DFR0209)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0209 Datasheet(HTML) 2 Page - DFROBOT

  DFR0209 Datasheet HTML 1Page - DFROBOT DFR0209 Datasheet HTML 2Page - DFROBOT DFR0209 Datasheet HTML 3Page - DFROBOT DFR0209 Datasheet HTML 4Page - DFROBOT DFR0209 Datasheet HTML 5Page - DFROBOT DFR0209 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specification
Working voltage: 5v and 3.3v
Interface: I2C(SCL,SDA)
Connecters:
2 way encoder connectors by using D2,D3,D8,D9
2 way motor driver connector by using D4,D5,D6,D7
4 way analog input connector (A0~A3)
Embeded the ADXL345 accelerometer and the ITG-3200 gyro
Directly support Xbee and XBee form factor wifi,bluetooth and RF modules
Compatible with Arduino Uno DFRduino UNO
A programming switch used to disable wireless communication when programming
Size: 65x55x20mm
Pinout Diagram
6 Dof IMU Shield pinout
Example Code
Please download and install the library first.
http://www.dfrobot.com/image/data/DFR0209/6%20Dof%20shield%20library.zip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com