Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0225 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0225
Description  Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0225 Datasheet(HTML) 2 Page - DFROBOT

  DFR0225 Datasheet HTML 1Page - DFROBOT DFR0225 Datasheet HTML 2Page - DFROBOT DFR0225 Datasheet HTML 3Page - DFROBOT DFR0225 Datasheet HTML 4Page - DFROBOT DFR0225 Datasheet HTML 5Page - DFROBOT DFR0225 Datasheet HTML 6Page - DFROBOT DFR0225 Datasheet HTML 7Page - DFROBOT DFR0225 Datasheet HTML 8Page - DFROBOT DFR0225 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Please Turn OFF the Motor Power Switch when debugging Romeo through USB
cable. Or the external power supply(>12V) will destroy your Romeo.
NOTE:
Please select Leonardo board when uploading a sketch by Arduino IDE.
Serial port 0 or 1 Read more from Arduino.cc: Please use Serial1.***() instead of
Serial.***() in code to communicate with devices connected to serial interface, i.e. Pin
0/1. e.g. Bluetooth, WiFi module, Xbee etc. Serial.***() is for USB debugging on pc
serial monitor.
Analog 0: If you are going to use the Analog port 0, you have to pay attention to the
switch(s1-s5), turn it OFF please. There are five buttons connected to A0, if you
turn ON the button switch,then the A0 read value would be not the one you want.
Specification
Basic
Feature
Improvement compared with
Romeo v1.1
DC Supply:USB Powered or
External 6V~23V DC
DC Output:5V(200mA) /
3.3V(100mA)
Motor driver Continuous Output
Current:2A
Microcontroller:ATmega32u4
Bootloader: Arduino Leonardo
Serial Interface
TTL Level(Serial1.***();)
USB(Serial.***())
Size:89x84x14mm
Compatible with the Arduino R3 pin
mapping
Analog Inputs: A0-A5, A6 - A11 (on
digital pins 4, 6, 8, 9, 10, and 12)
PWM: 3, 5, 6, 9, 10, 11, and 13.
Provide 8-bit PWM output
5 key inputs for testing
Auto sensing/switching external
power input
Support Male and Female Pin
Header
Built-in Xbee socket
Integrated sockets for APC220 RF
Module and DF-Bluetooth Module
Three I2C/TWI Interface Pin
Sets(two 90°pin headers)
Two way Motor Driver with 2A
maximum current
Wide operating input voltage
Directly support Xbee and XBee
form factor wifi,bluetooth and RF
modules
ON/OFF switch to control the
system power from extermal motor
power
3 Digital I/O extension(D14-D16)
S1-S5 switch replace jump cap
Micro USB instead of A-B USB
connector
Analog sensor extension port:
Orange for Signal,Red for
Vcc,Black for GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com