Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0225 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0225
Description  Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0225 Datasheet(HTML) 1 Page - DFROBOT

  DFR0225 Datasheet HTML 1Page - DFROBOT DFR0225 Datasheet HTML 2Page - DFROBOT DFR0225 Datasheet HTML 3Page - DFROBOT DFR0225 Datasheet HTML 4Page - DFROBOT DFR0225 Datasheet HTML 5Page - DFROBOT DFR0225 Datasheet HTML 6Page - DFROBOT DFR0225 Datasheet HTML 7Page - DFROBOT DFR0225 Datasheet HTML 8Page - DFROBOT DFR0225 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
 
Contents
1 Introduction
2 Specification
3 RoMeo V2 Pinout
3.1 Power solution design
3.2 Example use of Button S1-S5
3.3 Pin Allocation
3.4 PWM Control Mode
3.5 PLL Control Mode
4 Trouble shooting
Introduction
RoMeo V2[R3]is an All-in-One Arduino compatible microcontroller especially designed for robotics
applications from DFRobot. The Romeo benefits from the Arduino open source platform, it is
supported by thousands of open source codes, and can easily be expanded with Arduino Shields.
The integrated 2 way DC motor driver and Xbee socket allows you to start your project immediatly
without the need for an additional motor driver or wirless shield.
The analog sensor port pin mapping on RoMeo v2 is different from the version
before. Be careful to wire your sensor or other devices correctly or the wrong power
connection would destroy your device.


Similar Part No. - DFR0225

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0221 DFROBOT-DFR0221 Datasheet
196Kb / 5P
DFRobot Leonardo with Xbee R3(SKU:DFR0221)
DFR0222 DFROBOT-DFR0222 Datasheet
215Kb / 9P
Xboard Relay - An Ethernet Controllered Relay
DFR0224 DFROBOT-DFR0224 Datasheet
81Kb / 1P
Screwless Terminal Shield For Arduino
DFR0229 DFROBOT-DFR0229 Datasheet
257Kb / 8P
MicroSD card module for Arduino (SKU:DFR0229)
More results

Similar Description - DFR0225

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
6MBP75RTB060 ETC2-6MBP75RTB060 Datasheet
727Kb / 8P
IPM-R3 series 600V / 75A 6 in one-package
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
logo
Coolgear Inc.
CG-POE15VPDV2 COOLGEAR-CG-POE15VPDV2 Datasheet
184Kb / 3P
Coolgear Labs V2 Mini PoE to USB Type-C Adapter 25W Output All-in-One IEEE802.3af
Rev 04.220311
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com