Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0229 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0229
Description  MicroSD card module for Arduino (SKU:DFR0229)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0229 Datasheet(HTML) 1 Page - DFROBOT

  DFR0229 Datasheet HTML 1Page - DFROBOT DFR0229 Datasheet HTML 2Page - DFROBOT DFR0229 Datasheet HTML 3Page - DFROBOT DFR0229 Datasheet HTML 4Page - DFROBOT DFR0229 Datasheet HTML 5Page - DFROBOT DFR0229 Datasheet HTML 6Page - DFROBOT DFR0229 Datasheet HTML 7Page - DFROBOT DFR0229 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
MicroSD card module for Arduino (SKU:DFR0229) 
Contents
1 Introduction
2 Specification
3 Tutorial
3.1 Diagram
3.2 Sample Code
3.3 Result
4 Trouble shooting
Introduction
This is a Micro SD(TF) module from DFRobot. It is compatible with TF SD card (commonly used in
Mobile Phone) which is the most tiny card in the market. SD module has various applications such
as data logger, audio, video, graphics. This module will greatly expand the capbility an Arduino can
do with their poor limited memory.
This module has SPI interface and 5V power supply which is compatible with Arduino UNO/Mega.
The Pinout is fully compatiblw with DFRobot's IO Expansion Shield V5.


Similar Part No. - DFR0229

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0221 DFROBOT-DFR0221 Datasheet
196Kb / 5P
DFRobot Leonardo with Xbee R3(SKU:DFR0221)
DFR0222 DFROBOT-DFR0222 Datasheet
215Kb / 9P
Xboard Relay - An Ethernet Controllered Relay
DFR0224 DFROBOT-DFR0224 Datasheet
81Kb / 1P
Screwless Terminal Shield For Arduino
DFR0225 DFROBOT-DFR0225 Datasheet
308Kb / 11P
Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
More results

Similar Description - DFR0229

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
SD Card Adapter (for microSD??Card)
SCHD ALPS-SCHD Datasheet
102Kb / 3P
Connector for microSD??Card (Header Type)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
miniSDTM Card Adapter (for microSD??Card)
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
microSD Card Adapter (microSD-to-SD)
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
microSD Card
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com