Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0229 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0229
Description  MicroSD card module for Arduino (SKU:DFR0229)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0229 Datasheet(HTML) 2 Page - DFROBOT

  DFR0229 Datasheet HTML 1Page - DFROBOT DFR0229 Datasheet HTML 2Page - DFROBOT DFR0229 Datasheet HTML 3Page - DFROBOT DFR0229 Datasheet HTML 4Page - DFROBOT DFR0229 Datasheet HTML 5Page - DFROBOT DFR0229 Datasheet HTML 6Page - DFROBOT DFR0229 Datasheet HTML 7Page - DFROBOT DFR0229 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specification
Working Voltage:5V
Size:20x28mm
Interface: SPI
Compatible: MicroSD(TF)
Tutorial
Diagram
 
 
SDmodule
Arduino
MISO
D12
SCK
D13
SS chipSelect
D4
MOSI
D11
GND
GND
VCC
5V
NOTE: Different Boards may have different SPI pin map, please check the datasheet of your
controller.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com