Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0233 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0233
Description  RS485 Sensor Node V1.0 (SKU:DFR0233)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0233 Datasheet(HTML) 1 Page - DFROBOT

  DFR0233 Datasheet HTML 1Page - DFROBOT DFR0233 Datasheet HTML 2Page - DFROBOT DFR0233 Datasheet HTML 3Page - DFROBOT DFR0233 Datasheet HTML 4Page - DFROBOT DFR0233 Datasheet HTML 5Page - DFROBOT DFR0233 Datasheet HTML 6Page - DFROBOT DFR0233 Datasheet HTML 7Page - DFROBOT DFR0233 Datasheet HTML 8Page - DFROBOT DFR0233 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
 
RS485 Sensor Node V1.0 (SKU:DFR0233)
 
Contents
1 Introduction
2 Application
3 Specification
4 Pin Out
4.1 More details
5 Product Directive
6 Connecting Diagram
7 Sample Code
Introduction
This RS-485 Sensor Node module can be used in various applications such as intelligent agriculture,
environment monitoring,home automation...etc. It is a Internet of things device. This RS-485 Sensor
node provides 6 channel analog input and 1 SHT1x Humidity & Temperature digital input. The
RS485 protocol supports up to 254 nodes at 1200m distance between each node. This allows a
wide range cover for monitoring the environment. A screw free design allows easy connection of
cables without scarfice reliable & stable.
RS-485 standard is used effectively over long distances and in electrically noisy environments.
Multiple receivers may be connected to such a network in a linear, multi-drop configuration. These
characteristics make such networks useful in industrial environments and similar applications.RS-
485 enables the configuration of inexpensive local networks and multidrop communications links. It
offers data transmission speeds of 35 Mbit/s up to 10 m and 100 kbit/s at 1200 m.


Similar Part No. - DFR0233

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0231 DFROBOT-DFR0231 Datasheet
133Kb / 7P
NFC Module for Arduino (SKU:DFR0231)
5-30-17
DFR0236 DFROBOT-DFR0236 Datasheet
143Kb / 4P
CheapDuino (SKU:DFR0236)
More results

Similar Description - DFR0233

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
logo
Cypress Semiconductor
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
Energy Harvesting PMIC for Wireless Sensor Node
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
Energy Harvesting PMIC for Wireless Sensor Node
logo
Advantech Co., Ltd.
WISE-1570 ADVANTECH-WISE-1570 Datasheet
341Kb / 2P
M2.COM NB-IoT Sensor Node
logo
Shenzhen Huazhimei Semi...
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
H User Manual V1.0
logo
List of Unclassifed Man...
V-LINK-200 ETC1-V-LINK-200 Datasheet
715Kb / 2P
Wireless 8 Channel Analog Input Sensor Node
V-LINK-200CEVERSION ETC1-V-LINK-200CEVERSION Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
logo
STMicroelectronics
STEVAL-STLCS01V1 STMICROELECTRONICS-STEVAL-STLCS01V1 Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com