Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0233 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0233
Description  RS485 Sensor Node V1.0 (SKU:DFR0233)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0233 Datasheet(HTML) 2 Page - DFROBOT

  DFR0233 Datasheet HTML 1Page - DFROBOT DFR0233 Datasheet HTML 2Page - DFROBOT DFR0233 Datasheet HTML 3Page - DFROBOT DFR0233 Datasheet HTML 4Page - DFROBOT DFR0233 Datasheet HTML 5Page - DFROBOT DFR0233 Datasheet HTML 6Page - DFROBOT DFR0233 Datasheet HTML 7Page - DFROBOT DFR0233 Datasheet HTML 8Page - DFROBOT DFR0233 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RS-485 bus is the most popular communication method in industry. Compared with RS-232 bus, it is
able to transfer information in further distance with lower cost. Establishing an “Internet of Things” by
integrating RS-485 with Ethernet, which is the widely available in the world, in the hope that this
method will coordinate all devices with low cost and high efficiency.
Application
Intelligent agriculture
Public safety
Environment monitoring
Individual health
Home automation
Specification
MCU:Atmega8
Input Voltage:12V
Baud rate:9600
Slave address: 0x01 - 0x7F
RS-485 long distance,reliable & stable conmunication
Multiple connection(up to 127 modules)
Press to connect cables, quick and easy
1 SHT1x Humidity and Temperature Sensor interface
6 channel analog sensor interface
8 small switches for setting slave address directly
Humidity:0-100%RH(±4.5%RH)
Temperature:-40-128.8 (±0.5 )
Size:82x50mm
Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com