Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0265 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0265
Description  IO Expansion Shield for Arduino V7 SKU:DFR0265
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0265 Datasheet(HTML) 1 Page - DFROBOT

  DFR0265 Datasheet HTML 1Page - DFROBOT DFR0265 Datasheet HTML 2Page - DFROBOT DFR0265 Datasheet HTML 3Page - DFROBOT DFR0265 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
IO Expansion Shield for Arduino V7 SKU:DFR0265
IO Expansion Shield for Arduino V7
Contents
1 Introduction
2 Application
3 PinOut
3.1 Introduction for Digital pins
Introduction
The new IO Expansion Shield V7 has arrived,from the best selling family of IO expansion shield for
Arduino. For the past few years these expansion shields have been aiding thousands of makers to
create,to expand, to share their sparkles of idea and ingenuity, and now comes the young V7.
The new IO Expansion Shield V7 not only heritages the advantages, but also enjoys numerous new
features:
Compatible with the new Arduino Due
3.3V/5V operating voltage select
Switch for wireless communtcation & programme
More Easily recognitive interfaces
Colorful header for illustrating digital or analog pins
Immersion gold surface


Similar Part No. - DFR0265

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0264 DFROBOT-DFR0264 Datasheet
76Kb / 3P
Solar Charger
DFR0267 DFROBOT-DFR0267 Datasheet
640Kb / 18P
Bluno SKU:DFR0267
More results

Similar Description - DFR0265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com