Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0264 Datasheet (PDF) - DFROBOT

DFR0264 Datasheet PDF - DFROBOT
Part # DFR0264
Download  DFR0264 Download
File Size   76.43 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Solar Charger

DFR0264 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0264 Datasheet PDF - DFROBOT

Part # DFR0264
Download  DFR0264 Click to download

File Size   76.43 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Solar Charger

DFR0264 Datasheet (HTML) - DFROBOT


DFR0264 Product details

Port Description:
PWR IN:4.4~6V power input terminal. You should connect it to a solar battery. The maximum output voltage of the solar battery should bein the range of 4.4V to 6V.
BAT: Connect a 3.7V lithium battery, for storing electricity.
VOUT: Lithium-ion battery output. Connect your electrical equipment to it.
Charging Indicator: When there are no battery, the green LED is ON and the red LED is flashing. When charging, only the red LED is ON.After the charging is completed, only the green LED is ON.
Application
Material:
Solar Panel (5v 260mA) (https://www.dfrobot.com/index.php?
route=product/product&filter_name=solar&product_id=996#.U3Mhm_mSyCk)
[Solar Charger]
3.7V Polymer Lithium Ion Battery - 1000mAh (https://www.dfrobot.com/index.php?
route=product/product&filter_name=3.7&product_id=437#.U3Mh7fmSyCk)




Similar Part No. - DFR0264

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0265 DFROBOT-DFR0265 Datasheet
652Kb / 4P
IO Expansion Shield for Arduino V7 SKU:DFR0265
DFR0267 DFROBOT-DFR0267 Datasheet
640Kb / 18P
Bluno SKU:DFR0267
More results


Similar Description - DFR0264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1040 STMICROELECTRONICS-SPV1040 Datasheet
618Kb / 15P
High efficiency solar battery charger with embedded MPPT
04-Oct-2011
logo
Rohm
BU1840AMUV-E ROHM-BU1840AMUV-E Datasheet
710Kb / 17P
For 2Cell Solar,Synchronous Switch-Mode Charger IC
logo
Shanghai Consonance Ele...
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
CN3082 CONSONANCE-CN3082 Datasheet
195Kb / 12P
Multi-Chemistry Battery Charger for Solar-Powered Systems
CN3163 CONSONANCE-CN3163 Datasheet
195Kb / 13P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3083 CONSONANCE-CN3083 Datasheet
155Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
Intelligent Sealed Lead Acid Solar Battery Charger
logo
SparkFun Electronics
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
Solar Panel Charger - 10W
8??1??0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com