Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0264 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0264
Description  Solar Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0264 Datasheet(HTML) 2 Page - DFROBOT

  DFR0264 Datasheet HTML 1Page - DFROBOT DFR0264 Datasheet HTML 2Page - DFROBOT DFR0264 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Port Description:
PWR IN:4.4~6V power input terminal. You should connect it to a solar battery. The maximum output voltage of the solar battery should be
in the range of 4.4V to 6V.
BAT: Connect a 3.7V lithium battery, for storing electricity.
VOUT: Lithium-ion battery output. Connect your electrical equipment to it.
Charging Indicator: When there are no battery, the green LED is ON and the red LED is flashing. When charging, only the red LED is ON.
After the charging is completed, only the green LED is ON.
FAQ
Q&A
Some general Arduino Problems/FAQ/Tips
Q
Can I charge my lipo with a battery, and charge an arduino at the same time?
A
Not recommanded! For the Solar cannot produce a steady current generally. If you supply the not steady power to an Arduino
card, it may cause unexpected result or get the bootloader lost
Application
Material:
Solar Panel (5v 260mA) (https://www.dfrobot.com/index.php?
route=product/product&filter_name=solar&product_id=996#.U3Mhm_mSyCk)
[Solar Charger]
3.7V Polymer Lithium Ion Battery - 1000mAh (https://www.dfrobot.com/index.php?
route=product/product&filter_name=3.7&product_id=437#.U3Mh7fmSyCk)
DSC0301 JPG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com