Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0264 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0264
Description  Solar Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0264 Datasheet(HTML) 1 Page - DFROBOT

  DFR0264 Datasheet HTML 1Page - DFROBOT DFR0264 Datasheet HTML 2Page - DFROBOT DFR0264 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SKU:DFR0264 (https://www.dfrobot.com/index.php?
route=product/product&filter_name=solar&product_id=996#.U3Mhm_mSyCk)
Introduction
This solar charger is designed for single lithium battery (3.7V) for intelligent charging, with input reverse polarity protection. The maximum
charging current is 500 milliamperes and the connection is simple and convenient. Used with the solar battery and lithium battery, you can
quickly build a solar power system.
Specification
Input Voltage: 4.4~6V
Charging Current: 500mA Max (Depending on the solar battery supply capability)
Charging Cutoff Voltage: 4.2V
Operating Temperature:-40~85℃
Module Size: 33mm*33mm*12mm
Requisite battery: 3.7V lithium battery (Please note the maximum permissible charging current of the lithium battery)
Charging Indicator: Charging:Red LED Done:Green LED No Battery:Red LED Flashing
Diagram
Solar_Charger_dig.png


Similar Part No. - DFR0264

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0265 DFROBOT-DFR0265 Datasheet
652Kb / 4P
IO Expansion Shield for Arduino V7 SKU:DFR0265
DFR0267 DFROBOT-DFR0267 Datasheet
640Kb / 18P
Bluno SKU:DFR0267
More results

Similar Description - DFR0264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1040 STMICROELECTRONICS-SPV1040 Datasheet
618Kb / 15P
High efficiency solar battery charger with embedded MPPT
04-Oct-2011
logo
Rohm
BU1840AMUV-E ROHM-BU1840AMUV-E Datasheet
710Kb / 17P
For 2Cell Solar,Synchronous Switch-Mode Charger IC
logo
Shanghai Consonance Ele...
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
CN3082 CONSONANCE-CN3082 Datasheet
195Kb / 12P
Multi-Chemistry Battery Charger for Solar-Powered Systems
CN3163 CONSONANCE-CN3163 Datasheet
195Kb / 13P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3083 CONSONANCE-CN3083 Datasheet
155Kb / 11P
Lithium Ion Battery Charger for Solar-Powered Systems
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
Intelligent Sealed Lead Acid Solar Battery Charger
logo
SparkFun Electronics
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
Solar Panel Charger - 10W
8??1??0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com