Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0329 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0329
Description  Bluno M3 SKU:DFR0329
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0329 Datasheet(HTML) 1 Page - DFROBOT

  DFR0329 Datasheet HTML 1Page - DFROBOT DFR0329 Datasheet HTML 2Page - DFROBOT DFR0329 Datasheet HTML 3Page - DFROBOT DFR0329 Datasheet HTML 4Page - DFROBOT DFR0329 Datasheet HTML 5Page - DFROBOT DFR0329 Datasheet HTML 6Page - DFROBOT DFR0329 Datasheet HTML 7Page - DFROBOT DFR0329 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
Bluno M3 SKU:DFR0329
 
Bluno M3
Contents
1 Overview
2 Specification
3 Board Overview
4 Bluno M3 Features
4.1 Differences between Bluno M3 and Arduino
5 QuickStart
5.1 Setup Software Development Environment
5.2 Install Bluno M3 Driver
5.3 Blink an LED
5.4 Wireless Programming
Overview
The ARM processor is famous for its efficient processing performance, but one of the downsides to
this is that its developing environment is also quite complicated. Bluno M3, a new product designed
by DFRobot, changes this. The rewritten underlying protocol and development environment have
been rewritten to accommodate for Arduino language usage, giving it full Arduino compatibility.
Bluno M3 has 512K flash memory and 64K SRAM, and the integrated Bluetooth 4.0 (BLE) supports
Bluetooth wireless control or Bluetooth wireless programming. This board is suitable for robotic
control or IOT applications and has a good balance between Arduino and ARM processing.


Similar Part No. - DFR0329

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0323 DFROBOT-DFR0323 Datasheet
345Kb / 5P
Bluno Mega 2560 (SKU:DFR0323)
DFR0327 DFROBOT-DFR0327 Datasheet
404Kb / 8P
Arduino Shield for Raspberry Pi 2B and 3B SKU:DFR0327
More results

Similar Description - DFR0329

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R30-5000402 HARWIN-R30-5000402 Datasheet
83Kb / 1P
M3 CIRCULAR FEMALE SPACER
R40-1000502 HARWIN-R40-1000502 Datasheet
117Kb / 1P
M3 HEXAGONAL FEMALE SPACER
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
ERNI Electronics
225681 ERNI-225681 Datasheet
33Kb / 1P
BCS Powerelement Buchse M3
logo
Harwin Plc
R30-1002502 HARWIN-R30-1002502 Datasheet
84Kb / 1P
M3 HEXAGONAL FEMALE SPACER
logo
P-tec Corporation
PT804870DM-A128-O P-TEC-PT804870DM-A128-O Datasheet
1Mb / 12P
7.0 M3 TFT LCD
logo
Vishay Siliconix
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
High Performance Schottky Rectifier, 2 x 30 A
17-Aug-17
VS-30CTH02S-M3 VISHAY-VS-30CTH02S-M3 Datasheet
180Kb / 7P
Hyperfast Rectifier, 30 A FRED Pt®
24-Oct-17
logo
Keystone Electronics Co...
29341 KEYSTONE-29341 Datasheet
196Kb / 1P
M3 PAN HEAD SCREW
10.12.06
logo
CONEC Elektronische Bau...
740-342470 CONEC-740-342470 Datasheet
172Kb / 1P
Hex bolt 13mm long M3 / M3
28.05.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com