Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0329 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0329
Description  Bluno M3 SKU:DFR0329
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0329 Datasheet(HTML) 2 Page - DFROBOT

  DFR0329 Datasheet HTML 1Page - DFROBOT DFR0329 Datasheet HTML 2Page - DFROBOT DFR0329 Datasheet HTML 3Page - DFROBOT DFR0329 Datasheet HTML 4Page - DFROBOT DFR0329 Datasheet HTML 5Page - DFROBOT DFR0329 Datasheet HTML 6Page - DFROBOT DFR0329 Datasheet HTML 7Page - DFROBOT DFR0329 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specification
Microcontroller: STM32 F103RET6
Clock Speed: 72MHz
Bluetooth chip: TI CC2540 (Bluetooth 4.0)
Communication Range: 30m
Operating Voltage: 3.3V
DC Supply: USB Powered or External 7V~12V DC
Digital I/O Pins: 39
Analog Input Pins: 11 (Multiplexing Pins)
External Interrupt: 39 (D0~D38)
I2C/IWC: 30 (Default SDA), 29 (Default SCL)
SRAM: 64K
Flash: 512K (Customizable Flash assignment, refer to Flash chapter)
Default User Code repository: 492K
Default User Data repository: 20K
SPI: SPI,SPI1
SPI 12(MISO), 11(MOSI), 13(SCK)
SPI1 33(MISO), 34(MOSI), 32(SCK)
Serial Port: 5 (Serial1/Serial2/Serial3/Serial4/Serial5)
Serial1 0 (Rx1) & 1(Tx1)
Serial2 22(Rx2) & 21(Tx2)
Serial3 30(Rx3) & 29(Tx3)
Serial4 8(Rx4) & 9(Tx4)
Serial5 54(Rx5) & 53(Tx5)
Dimensions: 68mm x 31mm
The STM32 is a 3.3V processor. Do NOT use any 5V sensor/module with it in case of
burning it!
Board Overview



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com