Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0331 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0331
Description  Romeo for Edison Controller SKU: DFR0331
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0331 Datasheet(HTML) 1 Page - DFROBOT

  DFR0331 Datasheet HTML 1Page - DFROBOT DFR0331 Datasheet HTML 2Page - DFROBOT DFR0331 Datasheet HTML 3Page - DFROBOT DFR0331 Datasheet HTML 4Page - DFROBOT DFR0331 Datasheet HTML 5Page - DFROBOT DFR0331 Datasheet HTML 6Page - DFROBOT DFR0331 Datasheet HTML 7Page - DFROBOT DFR0331 Datasheet HTML 8Page - DFROBOT DFR0331 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
(/wiki/index.php/File:DFR0331_PD.JPG)
Romeo for Edison Controller
Romeo for Edison Controller SKU:
DFR0331
Contents
1 Introduction
2 Specification
3 Application
4 Pinout Diagram
5 Tutorial
5.1 Romeo for Edison Controller Quick Start
5.1.1 A.The Construction of the Hardware
Environment
5.1.1.1 Hardware Connection Diagram
5.1.2 B.The Construction of the Software
Environment
5.1.2.1 Operating System
5.1.2.2 Compile Environment
5.2 Romeo for Edison Controller Typical
Applications
5.2.1 Digital Application
5.2.1.1 A.LED Blink
5.2.1.2 B.Button Test
5.2.1.3 C.Servo Control
5.2.1.4 D.Motor Control
5.2.2 Analog Application
5.2.2.1 A.Analog Read
6 Atmega8 Firmware Upgrade
7FAQ
8 Development Tools
Introduction
Romeo for Intel Edison is a multi-purpose, all-in-one development platform based on Intel Edison and
Arduino SoC. It is especially designed to be useful for robotics applications. Romeo for Intel Edison is
compatible with Arduino open source platform and Linux, and supports Java and C development
environment. Users are able to extend this platform with thousands of existing shields and modules such
as switches, sensors, LEDs, servos, motors easily with Romeo for Intel Edison. It can also be used as a
standalone communication platform for software like flash, processing, Max/MSP and VVVV. The
integrated 2 way DC motor driver and wireless capability allows you to start your project immediately
without the need of any additional motor driver or wireless shield. The Romeo for Intel Edison inherits all
functions of the Romeo all-in-one controller by integrating powerful functions the Intel Edison board
possesses. You can describe it as a control board specially designed for robotics applications, carrying the
powerful gene of Intel Edison and being compatible with Arduino.
Page 1 of 24


Similar Part No. - DFR0331

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0332 DFROBOT-DFR0332 Datasheet
147Kb / 3P
Fan Module DFR0332
DFR0334 DFROBOT-DFR0334 Datasheet
404Kb / 7P
GPIO Shield for Arduino V1.0 SKU: DFR0334
DFR0339 DFROBOT-DFR0339 Datasheet
174Kb / 4P
Bluno Beetle SKU:DFR0339
More results

Similar Description - DFR0331

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13036 SPARKFUN-DEV-13036 Datasheet
473Kb / 14P
SparkFun Blocks for Intel짰 Edison - Arduino Block
DEV-13039 SPARKFUN-DEV-13039 Datasheet
189Kb / 4P
Blocks for Intel짰 Edison - Console Block
DEV-13040 SPARKFUN-DEV-13040 Datasheet
219Kb / 5P
SparkFun Blocks for Intel짰 Edison - UART Block
DEV-13041 SPARKFUN-DEV-13041 Datasheet
139Kb / 3P
SparkFun Blocks for Intel짰 Edison - microSD Block
DEV-13042 SPARKFUN-DEV-13042 Datasheet
332Kb / 9P
SparkFun Blocks for Intel짰 Edison - PWM
DEV-13044 SPARKFUN-DEV-13044 Datasheet
519Kb / 11P
Blocks for Intel짰 Edison - Pi Block
DEV-13045 SPARKFUN-DEV-13045 Datasheet
216Kb / 5P
SparkFun Blocks for Intel짰 Edison - Base Block
DEV-13327 SPARKFUN-DEV-13327 Datasheet
265Kb / 6P
SparkFun Blocks for Intel짰 Edison - ADC V20
DEV-13727 SPARKFUN-DEV-13727 Datasheet
220Kb / 5P
SparkFun Blocks for Intel짰 Edison - Battery Block
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com