Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0331 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0331
Description  Romeo for Edison Controller SKU: DFR0331
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0331 Datasheet(HTML) 2 Page - DFROBOT

  DFR0331 Datasheet HTML 1Page - DFROBOT DFR0331 Datasheet HTML 2Page - DFROBOT DFR0331 Datasheet HTML 3Page - DFROBOT DFR0331 Datasheet HTML 4Page - DFROBOT DFR0331 Datasheet HTML 5Page - DFROBOT DFR0331 Datasheet HTML 6Page - DFROBOT DFR0331 Datasheet HTML 7Page - DFROBOT DFR0331 Datasheet HTML 8Page - DFROBOT DFR0331 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NOTE: According to the Arduino IDE version update and Intel update, the wiki might be out of date, you
could visit FAQ (https://www.dfrobot.com/wiki/index.php?
title=Romeo_for_Edison_Controller_SKU:_DFR0350#FAQ) for proper solution.
Specification
*Operating Voltage
:5V
*Output Voltage
:5V/3.3V
*Input Voltage(limits)
:6-20V
*Digital I/O pins
:14
*Analog I/O pins
:6
*DC Current per I/O Pin
:10mA
*Motor Driver Constant Current:2 x 2A
*Size
:100x88x15mm
Application
Digital I/O pins :D0-D13, A0-A5
PWM Output interface :4 (Digital pins D3, D5, D6 and D9)
Support USB power and external power supply switch
Support SPI program port
Support 1 x I2C interface
Support 2 way motor drive (Peak Current: 2A)
Support Broadcom 43340 802.11 a/b/g/n dual band (2.4G and 5GHz) WiFi
Support Bluetooth 4.0
Pinout Diagram
Page 2 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com