Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0341 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0341
Description  Intel Galileo Gen 2 Development Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0341 Datasheet(HTML) 2 Page - DFROBOT

  DFR0341 Datasheet HTML 1Page - DFROBOT DFR0341 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Whats new with the Intel® Galileo Gen 2 board?
6‐pin 3.3V USB TTL UART header replaces 3.5 mm jack RS‐232 console port for Linux debug. New 
6‐pin connector mates with standard FTDI* USB serial cable (TTL‐232R‐3V3) and popular USB‐to‐
Serial breakout boards. 12 GPIOs now fully native for greater speed and improved drive 
strength. 
12‐bit pulse‐width modulation (PWM) for more precise control of servos and smoother 
response. 
Console UART1 can be redirected to Arduino headers in sketches, eliminating the need for soft‐
serial in many cases. 
12V power‐over‐Ethernet (PoE) capable (PoE module installation required). 
Power regulation system changed to accept power supplies from 7V to 15V. 
FEATURES
Intel® Quark™ SoC X1000 application processor, a 32‐bit, single‐core, single‐thread, Intel® 
Pentium® processor instruction set architecture (ISA)‐compatible, operating at speeds up to 400 
MHz. 
Support for a wide range of industry standard I/O interfaces, including a full‐sized mini‐PCI 
Express* slot, 100 Mb Ethernet port, microSD* slot, USB host port, and USB client port. 
256 MB DDR3, 512 kb embedded SRAM, 8 MB NOR Flash, and 8 kb EEPROM standard on the 
board, plus support for microSD card up to 32 GB. 
Hardware and pin compatibility with a wide range of Arduino Uno R3 shields. 
Programmable through the Arduino integrated development environment (IDE) that is 
supported on Microsoft Windows*, Mac OS*, and Linux host operating systems. 
Support for Yocto 1.4 Poky* Linux release. 
SPECIFICATION
Size: 123.8 mm  × 72.0 mm (4.87" x 2.83") 
Weight: 340g 
SHIPPING LIST
Intel Galileo Gen 2 Development Board x1 
 
 
 
 
Powered By DFRobot © 2008-2017
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com