Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0341 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0341
Description  Intel Galileo Gen 2 Development Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0341 Datasheet(HTML) 1 Page - DFROBOT

  DFR0341 Datasheet HTML 1Page - DFROBOT DFR0341 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Intel Galileo Gen 2 Development Board
SKU:DFR0341
 
INTRODUCTION
What will you make?
The Intel® Galileo Gen 2 board is the first in a family of Arduino*-certified development and
prototyping boards based on Intel® architecture and specifically designed for makers, students,
educators, and DIY electronics enthusiasts. Providing users with a fully open source hardware
and software development environment, the Intel Galileo Gen 2 board complements and extends
the Arduino line of products to deliver more advanced compute functionality to those already
familiar with Arduino prototyping tools. The Intel Galileo Gen 2 development board is designed
to be hardware-, software-, and pin-compatible with a wide range of Arduino Uno* R3 shields
and additionally allows users to incorporate Linux* firmware calls in their Arduino sketch
programming.


Similar Part No. - DFR0341

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0342 DFROBOT-DFR0342 Datasheet
527Kb / 11P
W5500 Ethernet with POE Mainboard SKU: DFR0342
DFR0343 DFROBOT-DFR0343 Datasheet
514Kb / 4P
UHex Low‐power Controller SKU: DFR0343
DFR0347 DFROBOT-DFR0347 Datasheet
351Kb / 7P
2.8" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0347
8-23-18
DFR0348 DFROBOT-DFR0348 Datasheet
518Kb / 8P
3.5" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0348
8-23-18
More results

Similar Description - DFR0341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Microchip Technology
DM300018 MICROCHIP-DM300018 Datasheet
3Mb / 115P
dsPICDEM??2 Development Board User?셲 Guide
04/20/05
logo
List of Unclassifed Man...
LEC-2270 ETC2-LEC-2270 Datasheet
439Kb / 2P
Fanless IPC w/ 2nd Gen Intel Fanless IPC w/ 2nd Gen Intel
logo
Microchip Technology
TB3094 MICROCHIP-TB3094 Datasheet
698Kb / 10P
PIC18F67J94 Development Board
11/29/12
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
Development Board
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
4th Gen Intel Core 3.5
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
PCIe Gen 2 main Clock for Intel-based Servers
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com