Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-EV8-ITL-150-R Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP-EV8-ITL-150-R
Description  Banana Test Leads Female To Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP-EV8-ITL-150-R Datasheet(HTML) 1 Page - Multicomp Pro

  MP-EV8-ITL-150-R Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
27/02/25
Banana Test Leads
Female To Male
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Designation.
Combo CCS 2 female jack to right angled 4 mm banana plug lead.
Safety and
compliances.
• EN IEC 62196 3 compliant.
• 1000V CAT II / 1000 V CAT III / 600 V CAT IV. 12 amps. Reinforced insulation.
According to EN IEC 61010-031.
• IP2X according to EN IEC 60529.
Length.
1,50 meters. 4.9 ft.
1st connector.
EN IEC 62196 3 compliant straight female connector. Connects to combo CCS 2 inlet DC+ and DC pins.
2nd connector.
Right angled 4 mm banana male plug. Connects to measuring devices.
Colour.
Black, Red, and Blue
Specification
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Straight 4mm Banana Jack to Right-Angle 4mm Banana Plug Lead, Black, 150cm
MP-EV8-ITL-150-BL
Straight 4mm Banana Jack to Right-Angle 4mm Banana Plug Lead, Red, 150cm
MP-EV8-ITL-150-R
Straight 4mm Banana Jack to Right-Angle 4mm Banana Plug Lead, Black and Red, 150cm MP-EV8-ITL-150-R+BL


Similar Part No. - MP-EV8-ITL-150-R

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP-011LN MULTICOMP-MP-011LN Datasheet
221Kb / 1P
3.5mm Right Angle Mini Plug
25/05/20 V1.0
MP-022LN MULTICOMP-MP-022LN Datasheet
371Kb / 1P
2-Pole 2.5mm Cable Mount Phone Audio Plug
10/05/21 V1.0
MP-023LN MULTICOMP-MP-023LN Datasheet
266Kb / 1P
3-Pole 2.5mm Cable Mount Phone Audio Plug
10/05/21 V1.0
logo
Tyco Electronics
MP-040040-25-8A MACOM-MP-040040-25-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
MP-064064-25-8A MACOM-MP-064064-25-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - MP-EV8-ITL-150-R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4969 POMONA-4969 Datasheet
29Kb / 1P
BNC (Female & Male) To 20 AWG Leads
3782 POMONA-3782 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
Minigrabber Test Clips To Double Banana Plug
5678 POMONA-5678 Datasheet
23Kb / 1P
SMD Test Tweezer Leads To Sleeved Banana Plugs
6245 POMONA-6245 Datasheet
73Kb / 1P
Test Clip to Straight Sheathed Banana Plug
6248 POMONA-6248 Datasheet
75Kb / 1P
Test Clip to Sheathed Banana Jack
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
5053-60-0 POMONA-5053-60-0 Datasheet
45Kb / 1P
Micrograbber짰 Test Clip To Stacking Banana Plug
logo
List of Unclassifed Man...
BU-P2970-2 ETC2-BU-P2970-2 Datasheet
207Kb / 1P
Triple Banana Plug Connecter (Female to Male)
logo
M-System Co.,Ltd.
HCLLEAD MSYSTEM-HCLLEAD Datasheet
66Kb / 1P
TEST LEADS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com