Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP32 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP32
Description  AP32 ACCESS POINT DATASHEET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP32 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP32 Datasheet HTML 1Page - Juniper Networks, Inc. AP32 Datasheet HTML 2Page - Juniper Networks, Inc. AP32 Datasheet HTML 3Page - Juniper Networks, Inc. AP32 Datasheet HTML 4Page - Juniper Networks, Inc. AP32 Datasheet HTML 5Page - Juniper Networks, Inc. AP32 Datasheet HTML 6Page - Juniper Networks, Inc. AP32 Datasheet HTML 7Page - Juniper Networks, Inc. AP32 Datasheet HTML 8Page - Juniper Networks, Inc. AP32 Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP32 ACCESS POINT DATASHEET
Juniper AI-Driven Network
Juniper brings true innovation to the wireless space with the world’s first AI-driven wireless
LAN (WLAN).
The Juniper AI-Driven Enterprise makes Wi-Fi predictable, reliable, and measurable with
unprecedented visibility into the user experience through customizable service level
expectation (SLE) metrics. Time-consuming manual IT tasks are replaced with AI-driven
proactive automation and self-healing, lowering Wi-Fi operational costs and saving
substantial time and money.
All operations are managed via our open and programmable microservices architecture,
which delivers maximum scalability and performance while also bringing DevOps agility to
wireless networking and location services.
The Juniper Mist Cloud Architecture
Mist AI leverages a cloud-native microservices architecture to bring unparalleled agility,
scale, and resiliency to your network. It leverages an AI engine to lower OpEx and deliver
unprecedented insight by using data science to analyze large amounts of rich metadata
collected from Juniper Access Points.
Juniper Access Point Family
The Juniper enterprise-grade access point family consists of:
• AP45 and AP34 Series which support Wi-Fi 6E, 802.11ax (Wi-Fi 6), and Bluetooth LE
• AP43, AP12, AP32, AP33, and AP63 Series, which support 802.11ax (Wi-Fi 6),
Bluetooth LE, and IoT
• AP21, AP41, and AP61 Series, which support 802.11ac Wave 2, Bluetooth LE, and IoT
• BT11, which supports Bluetooth LE
These access points are all built on a real-time microservices platform and are managed by
the Juniper Mist cloud.
Datasheet
1
Product Overview
The AP32 series automates
network operations and boosts
Wi-Fi performance. It delivers
an aggregate data rate of up to
3 Gbps concurrently on 2.4GHz
and 5GHz radios. Managed by
the Juniper Mist™ Cloud
Architecture, the AP32 series
delivers unprecedented user
experiences at a lower cost for
retail, warehouse, school, clinic,
and home office environments.


Similar Part No. - AP32

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
More results

Similar Description - AP32

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com