Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP37 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP37
Description  AP37 AND AP36 ACCESS POINT DATASHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP37 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP37 Datasheet HTML 1Page - Juniper Networks, Inc. AP37 Datasheet HTML 2Page - Juniper Networks, Inc. AP37 Datasheet HTML 3Page - Juniper Networks, Inc. AP37 Datasheet HTML 4Page - Juniper Networks, Inc. AP37 Datasheet HTML 5Page - Juniper Networks, Inc. AP37 Datasheet HTML 6Page - Juniper Networks, Inc. AP37 Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP37 AND AP36 ACCESS POINT
DATASHEET
Product Description
The Juniper® AP37 and AP36 Series indoor Wi-Fi 7 tri-band APs are engineered to deliver
multigigabit throughput and resilient converged-connectivity in demanding enterprise,
retail, and campus environments.
AP37
The Juniper AP37 delivers purpose-built Wi-Fi 7 performance for growing organizations
requiring advanced wireless capabilities. With a tri-band (2.4 GHz, 5 GHz, and 6 GHz)
configuration and a dedicated scanning radio, it provides exceptional coverage and capacity
to meet your needs. The AP37 enhances wireless experiences through patented virtual BLE
(vBLE) technology, enabling personalized location services including user engagement, asset
visibility, and contact tracing, making it ideal for retail, education, and mid-sized enterprise
deployments seeking a balance of performance and specialized features.
AP36
The Juniper AP36 offers streamlined Wi-Fi 7 connectivity designed for efficient
deployments across diverse enterprise environments. Featuring the same powerful tri-
radio, tri-band (2.4 GHz, 5 GHz, and 6 GHz) configuration and dedicated scanning radio as
the AP37, it delivers resilient performance without compromise. The AP36 provides an
accessible path to next-generation wireless technology, making it the perfect solution for
organizations seeking essential Wi-Fi 7 capabilities with deployment flexibility for campus,
retail, and business settings. The AP36M offers the additional flexibility of software
selectable built-in directional antennas or the use of pluggable external antennas from a
single AP.
Combining enterprise
‑grade Wi‑Fi with patented virtual Bluetooth LE (vBLE) technology,
the AP37 further enhances wireless networks through support for personalized location
services, including user engagement, asset visibility, and contact tracing. The unique
engineering of the AP37 and AP36 eliminates the need for battery
‑powered BLE beacons
or manual calibration. By providing one
‑to‑three‑meter accuracy, the AP37 and AP36 set
the standard in location services while ensuring business continuity and operational
efficiency.
While wired and wireless networks are business critical, without the right architecture they
can be harder to operate given the sheer number of mobile and IoT devices—not to
mention the extensive variety of hardware, operating systems, and applications currently in
use. Traditional architectures—highly manual and network
‑centric—lack the scale, flexibility,
and end
‑to‑end visibility required to support modern mobility requirements and the IT
departments that manage them.
Datasheet
1
Product overview
The Juniper AP37 and AP36 are
Juniper’s Wi-Fi 7 access points
with built-in advanced location
services and Juniper Mist
integration.
AP37 and AP36 benefits
- Maximizes 6 GHz band,
providing increased channel
width and enabling multigigabit
speeds
- 4x4 MIMO on 5 and 6 GHz
- Tri-band with dedicated fourth
radio for supporting growing
mobility demands
- Patented vBLE technology
delivers industry-leading indoor
location services accuracy and
ease of use
- Flexible integrated
omnidirectional, directional, and
external antenna options
Juniper Mist benefits
- Fast and reliable deployment
and ease of ongoing
management
- Centralized control and
visibility
- Quick access to new features
and functionality with no
disruption to services
- Agility to scale as network
needs grow


Similar Part No. - AP37

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-E1 BCDSEMI-AP3700AZ-E1 Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-G1 BCDSEMI-AP3700AZ-G1 Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-E1 BCDSEMI-AP3700AZTR-E1 Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP37

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com