Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP37 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # AP37
Description  AP37 AND AP36 ACCESS POINT DATASHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP37 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP37 Datasheet HTML 1Page - Juniper Networks, Inc. AP37 Datasheet HTML 2Page - Juniper Networks, Inc. AP37 Datasheet HTML 3Page - Juniper Networks, Inc. AP37 Datasheet HTML 4Page - Juniper Networks, Inc. AP37 Datasheet HTML 5Page - Juniper Networks, Inc. AP37 Datasheet HTML 6Page - Juniper Networks, Inc. AP37 Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Juniper AI-native network
Juniper Mist brings true innovation to wireless networking with the
world’s first AI-Native wireless LAN (WLAN). Mist, Juniper's AI-
native networking platform makes Wi-Fi predictable, reliable, and
measurable, offering unprecedented visibility into the user
experience through unique service-level expectation (SLE) metrics.
Proactive, AI-native automation and a self-healing network replace
time-consuming manual tasks, lowering Wi-Fi operational costs and
saving substantial time and money. All operations are managed
using the open and programmable microservices that are based on
the Juniper Mist cloud architecture.
The Juniper Mist cloud architecture
The Juniper Mist cloud
‑native, AI‑native microservices architecture
delivers unparalleled agility, scale, and resiliency to your network. It
lowers OpEx and delivers unprecedented insights into network
performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata
collected by the Juniper access points. Juniper AI solutions for
Wi
‑Fi optimize operator and user experiences with secure
client
‑to‑cloud automation, insight, and AI‑native actions. With
Mist, purpose
‑built to leverage AIOps, the AP37 and AP36 harness
the faster speed, power, and performance of Wi
‑Fi 7 and assure an
excellent experience for all users and devices and the best
end
‑to‑end operator experiences.
Juniper access point family
The real
‑time microservices in Juniper Mist cloud manage the
Juniper AP family.
• Wi-Fi 7: AP47, AP37, AP36, and AP66
• Wi-Fi 6E: AP45, AP34, AP24, and AP64
Table 1 compares the supported major functions of the Juniper APs
to help in selecting the most appropriate model(s).
Table 1: Juniper Wi-Fi 7 AP comparison chart
AP47
AP37
AP36
AP66
Deployment
Indoor
Indoor
Indoor
Indoor/Outdoor
Wi-Fi standard
Wi-Fi 7 802.11be
(4x4:4)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
5/6 GHz: (4x4:4)
2.4 GHz: (2x2:2)
Wi-Fi 7 802.11be
(2x2:2)
Number of Wi-Fi radios
4
4
4
4
Wi-Fi radio modes
2.4/5/6 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
2.4 GHz + 5 GHz + 6 GHz
Scanning radio
Dedicated
Dedicated
Dedicated
Dedicated
Antenna options
Internal / Directional / External
Internal
Internal / Directional / External
Internal / Directional
Virtual BLE
Yes
Yes
No
No
Ultra-Wideband (UWB)
Yes
No
No
No
USB
Yes
Yes
Yes
No
IoT sensors
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Pressure, temperature, accelerometer
Accelerometer
GNSS/GPS
L1/L5
L1/L5
L1/L5
L1/L5
Secondary Ethernet port
Yes, dual PoE failover
Yes
Yes
No
Warranty
Limited lifetime
Limited lifetime
Limited lifetime
One year
Services available for the Juniper AP37 and AP36 Wi-Fi
cloud services
Juniper Wi-Fi Assurance
For IT and NOC teams
• Predictable and measurable Wi-Fi
• SLE support
• WLAN policy fabric for role-based access
• Customizable guest Wi-Fi portal
• Radio Resource Management (RRM), driven by AI
Marvis® AI Assistant
For IT helpdesk teams
• AI-native virtual network assistant
• Natural language processing interface
• Anomaly detection
• Client SLE visibility and enforcement
• Data science-driven root cause analysis
AP37 and AP36 Access Point Datasheet
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com