Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP41 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # AP41
Description  AP41 ACCESS POINT SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP41 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  AP41 Datasheet HTML 1Page - Juniper Networks, Inc. AP41 Datasheet HTML 2Page - Juniper Networks, Inc. AP41 Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATASHEET | JUNIPER AP41 SERIES
3 / 3
Copyright 2021 Juniper Networks, Inc. All rights reserved. Juniper Networks, the Juniper Networks logo, Juniper, Junos, and other trademarks are registered trademarks of
Juniper Networks, Inc. and/or its affiliates in the United States and other countries. Other names may be trademarks of their respective owners. Juniper Networks assumes
no responsibility for any inaccuracies in this document. Juniper Networks reserves the right to change, modify, transfer, or otherwise revise this publication without notice.
SPECIFICATIONS
Wi-Fi Standard
802.11ac Wave 2
(backwards compatibility with 802.11a/b/g/n)
Combined Highest
Supported Data Rates
2.5 Gbps
2.4GHz
4x4:4 802.11b/g/n/ac up to 800 Mbps data rate
802.11ac for VHT capable clients
5GHz
4x4:4 802.11a/n/ac Wave 2 up to 1,700 Mbps data rate
MIMO Operation
Four spatial stream SU-MIMO for up to 1,733 Mbps
wireless data rate to individual 4x4 VHT80
Four spatial stream MU-MIMO for up to 1,733 Mbps
wireless data rate to up to three MU-MIMO-capable client
devices simultaneously
Dedicated Third Radio
2.4GHz and 5GHz dual-band WIDS/WIPS, spectrum
analysis & location analytics radio
Internal Antennas
(AP41 only)
Four 2.4GHz omnidirectional antennas with 4 dBi peak
gain
Four 5GHz omnidirectional antennas with 6 dBi peak gain
Bluetooth
16 Directional Antennas + 1 Omni Antenna Bluetooth
Array
Beam Forming
Transmit Beamforming and Maximal Ratio Combining
Power Options
802.3at PoE, 12V/3A DC power supply
Power Adapter
100-240VAC, 50-60 Hz, input. 12V/3A DC output.
Dimensions
215 x 215 x 52 mm (8.46 x 8.46 x 2.05 in)
Weight
1.6 kg (3.53 lbs) excluding mount and accessories
Shipping Box
Size (L x W x H): 285 x 268 x 86 mm (10.6 x 10.6 x 3.4 in)
Weight: 2.18 kg (4.82 lbs)
Boxes per carton: 8
Operating Temperature
Internal antenna: 0° to 40° C
External antenna: -20° to 50° C
Operating Humidity
10% to 90% maximum relative humidity, non-condensing
Operating Altitude
3,048m (10,000 ft)
Electromagnetic
Emissions
FCC Part 15 Class B
Reliability (MTBF)
AP41:
1,243,955 hours (142 yrs) @ 25C;
748,877 hours (85 yrs) @ 40C
AP41E:
1,264,116 hours (144 yrs) @ 25C;
508,342 hours (58 yrs) @ 40C
I/O PORTS & ACCESSORIES
Reset
Reset to the factory default
settings
USB
USB 2.0 support interface
12VDC
Input for optional DC power
supply
IoT
8-pin interface for digital I/O
and analog input
(0 to +5V)
Module
10/100/1000 BaseT RJ45;
optional PoE PSE mode
Eth1
10/100/1000 BaseT RJ45
interface
Eth0+PoE
10/100/1000 BaseT RJ45;
supports 802.3at PoE PD
External
Antennas
(AP41E only)
Four RP-SMA
Male connectors
Indicators
One multicolor status LED
COMPLIANCE STANDARDS
CE Mark
UL 60950-1
CAN/CSAC22.2
No. 609501
UL 2043
FCC Part 15.247, 15.407, 15.107, and 15.109
RSS-247
ICES-003
ORDERING INFORMATION
US/FCC
Domain
AP41-US (Internal Antenna)
AP41E-US (External Antenna)
Rest of the
World
AP41-WW (Internal Antenna)
AP41E-WW
(External Antenna)
MOUNTING BRACKETS
AP41BR1
Ceiling T-bar
AP41BR2
Ceiling Drywall
AP41BR3
5
⁄8" Threaded Rod
AP41BR4
2mm (¹⁄16") Threaded Rod
MIST BLUETOOTH ANTENNA ARRAY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com