Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP41 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # AP41
Description  AP41 ACCESS POINT SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP41 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  AP41 Datasheet HTML 1Page - Juniper Networks, Inc. AP41 Datasheet HTML 2Page - Juniper Networks, Inc. AP41 Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 / 3
DATASHEET | JUNIPER AP41 SERIES
ACCESS POINT FEATURES
High-Performance Wi-Fi
The AP41 Series comprises tri-radio 4x4 access points with
maximum data rates of 1,730 Mbps in the 5GHz band and 800
Mbps in the 2.4GHz band. The third radio functions as a network,
location, and security sensor as well as a spectrum monitor.
The AP41 Series is available with internal and external antenna models.
High-Accuracy Indoor Location
The AP41 has a 16-element virtual Bluetooth LE (vBLE) antenna
array controlled from the Juniper Mist cloud. Passive antennas
enhance the power of a single transmitter and produce directional
beams to accurately detect distance and location with 1-3 meter
accuracy. With Juniper’s patented vBLE technology, you can deploy
an unlimited number of virtual beacons in your physical environment
with no need to install battery-powered physical BLE beacons.
Unprecedented Insight and Action
A dedicated dual-band radio collects data for Juniper’s patent-
pending Proactive Analytics and Correlation Engine (PACE), which
relies on machine learning to analyze user experiences, correlate
problems, and automatically detect their root cause. These metrics
are used to monitor SLEs and provide proactive recommendations to
ensure that problems don’t occur or are fixed as quickly as possible
if they do.
Dynamic Packet Capture
The Juniper Mist platform automatically captures packets and
streams them to the cloud when major issues are detected. This
saves IT time and effort and eliminates the need for truck rolls with
sniffers to reproduce and capture data for troubleshooting.
Client Events 47Total 31 Good 7 Neutral 9 Bad
Association
Scanner 2
12:25:50.827 AM, Jun 30
AP
Main
Server IP Address
10.1.1
Fast BSS Assoc Failure
Scanner 2
12:25:48.458 AM, Jun 30
Reason
Failing DHCP DISCOVER
from 5d-5d-25-10-10-d2 on
vlan 1 with Xid 1234567728
- NO DHCP
Request seen from client
in response to the Offer on
the Server
BSSID
5d:5d:25:10:10:d2
IP Assigned
Scanner 2
12:25:47.335 AM, Jun 30
SSID
Network 1
DNS OK
Scanner 2
12:25:45.023 AM, Jun 30
Subnet
10.1.1.1/16
Default GatewayARP Success
Scanner 2
12:25:42.837 AM, Jun 30
Transaction ID
922349945
DHCP Stuck - Bind Failure
Scanner 2
12:25:39.947 AM, Jun 30
Authorization
Scanner 2
12:25:39.207 AM, Jun 30
RSSI
-53
DNS OK
Scanner 2
12:25:38.104 AM, Jun 30
VLAN
1
Fast Roaming 802.11R
Scanner 2
12:25:37.098 AM, Jun 30
Failure Count
1
Reassociation
Scanner 2
12:25:36.098 AM, Jun 30
Marvis Virtual Network Assistant
The Marvis natural language processing (NLP)-based assistant with
a Conversational Interface to understand user intent and goals,
simplifying network troubleshooting and the collection of data
insights. It uses AI and data science to proactively identify issues,
determine their root causes and scope of impact, and deliver
actionable visibility into your network and users. The assistant
eliminates the need for you to manually hunt through endless
dashboards and CLI commands for the data you need.
Network and Business Insights
Wi-Fi Assurance includes a base analytics capability for analyzing
up to 30 days of data, enabling you to simplify the process of
extracting network insights from data and analytics across your
enterprise. Review your network throughput peaks to properly align
your support resources. To extend these capabilities to third-party*
network elements, consume up to one year* of data, and gain the
option to generate customized* reports, the Juniper Mist Premium
Analytics service is available as an additional subscription.
Effortless, Cloud-Based Setup and Updates
The AP41 Series automatically connects to the Juniper Mist cloud,
downloads its AP configuration, and joins the appropriate network.
Firmware updates are retrieved and installed automatically, ensuring
that the network is always up to date with new features, bug fixes,
and security updates.
Dynamic Debugging
Constantly monitor services running on the AP41 Series and send
alerts whenever a service behaves abnormally. Dynamic debugging
relieves IT of having to worry about an AP going offline or any
services running on it becoming unavailable.
Automatic RF Optimization
Juniper’s Radio Resource Management (RRM) automates dynamic
channel and power assignment, taking Wi-Fi and external sources
of interference into account with its dedicated sensor radio. The AI
engine continuously monitors coverage and capacity SLE metrics to
learn and optimize the RF environment. A learning algorithm uses
hysteresis on a 24-hour window to conduct a site-wide rebalancing
for optimal channel and power assignment.
-20
-10
0
10
180°
30°
60°
90°
300°
120°
330°
150°
270°
240°
210°
0°
-20
-10
0
10
180°
30°
60°
90°
300°
120°
330°
150°
270°
240°
210°
0°
AP-41 WI-FI ANTENNA PATTERN PLOTS
Antenna
Composite,
2450 MHz
Antenna
Composite,
5450 MHz
theta = 60
Download Packet Capture
*Juniper Mist Premium Analytics service subscription is needed.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com