Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FA0 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PUSB3FA0
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FA0 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PUSB3FA0 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
PUSB3FA0
ESD protection for ultra high-speed interfaces
PUSB3FA0
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 1 February 2018
5 / 12
Data rate: 10 Gbit/s; Vertical scale: 200 mV/div; Horizontal scale: 20 ps/div
3.1 dB de-emphasis
2.2 dB pre-shoot
Figure 5. USB 3.1 eye diagram, Printed-Circuit Board (PCB) with PUSB3FA0
Data rate: 10 Gbit/s; Vertical scale: 200 mV/div; Horizontal scale: 20 ps/div
3.1 dB de-emphasis
2.2 dB pre-shoot
Figure 6. USB 3.1 eye diagram, PCB without PUSB3FA0 (reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com