Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FA0 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB3FA0
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FA0 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB3FA0 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FA0 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
PUSB3FA0
ESD protection for ultra high-speed interfaces
PUSB3FA0
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 1 February 2018
2 / 12
2 Pinning information
Table 1. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10 9
8
7
6
1
2
3
4
5
2
4
3, 8
018aaa001
1
5
3 Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PUSB3FA0
DFN2510A-10
plastic extremely thin small outline package; no leads;10
terminals; body 1 × 2.5 × 0.5 mm
SOT1176-1
4 Marking
Table 3. Marking codes
Type number
Marking code
PUSB3FA0
96
5 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-0.5
+1.5
V
IEC 61000-4-2, level 4
[1]
• contact discharge
-10
+10
kV
VESD
electrostatic discharge voltage
• air discharge
-15
+15
kV
Tamb
ambient temperature
-40
+85
°C
Tstg
storage temperature
-55
+125
°C
[1]
All pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com