Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FA1 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PUSB3FA1
Description  ESD protection for ultra high-speed interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FA1 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FA1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Nexperia
PUSB3FA1
ESD protection for ultra high-speed interfaces
10. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1176-1
- - -
- - -
- - -
sot1176-1_po
10-06-22
12-05-22
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.25
0.20
0.15
2.6
2.5
2.4
1.1
1.0
0.9
0.5
0.2
0.40
0.35
0.30
0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
DFN2510A-10: plastic extremely thin small outline package; no leads;
10 terminals; body 1 x 2.5 x 0.5 mm
SOT1176-1
A1
A3
0.127
b
D
E
e
e1
2
k
L
L1
0.45
0.40
0.35
v
w
0.05
y
0.05
y1
0.05
0
1
2 mm
scale
X
C
y
C
y1
terminal 1
index area
B
A
D
E
detail X
A1
A
A3
b
k
L
L1
terminal 1
index area
e1
e
A
C
B
v
C
w
10
6
5
1
Fig. 13. Package outline DFN2510A-10 (SOT1176-1)
PUSB3FA1
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
12 March 2018
9 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com