Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FA1 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3FA1
Description  ESD protection for ultra high-speed interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FA1 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3FA1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FA1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PUSB3FA1
ESD protection for ultra high-speed interfaces
12 March 2018
Product data sheet
1. General description
The device is designed to protect high-speed interfaces such as SuperSpeed USB 3.1 at 10 Gbps,
High-Definition Multimedia Interface (HDMI), DisplayPort, external Serial Advanced Technology
Attachment (eSATA) and Low Voltage Differential Signaling (LVDS) interfaces against ElectroStatic
Discharge (ESD).
The device includes four high-level ESD protection diode structures. They protect sensitive
transmitters and receivers for ultra high-speed signal lines. The device is encapsulated in a
leadless small DFN2510A-10 (SOT1176-1) plastic package.
All signal lines are protected by a special diode configuration offering ultra low line capacitance
of only 0.29 pF. These diodes utilize a snap-back structure in order to provide protection to
downstream components from ESD voltages up to ±15 kV contact exceeding IEC 61000-4-2,
level 4.
2. Features and benefits
• System-level ESD protection for USB 2.0 and SuperSpeed USB 3.2 at 10 Gbps, HDMI,
DisplayPort, eSATA and LVDS
• Line capacitance of only 0.29 pF for each channel
• Outstanding system protection: extremely deep snap-back combined with dynamic resistance
of only 0.27 Ω.
• All signal lines with integrated rail-to-rail clamping diodes for downstream ESD protection of
±15 kV exceeding IEC 61000-4-2, level 4
• Matched 0.5 mm trace spacing
• Signal lines with ≤ 0.05 pF matching capacitance between signal pairs
• Design-friendly ‘pass-through’ signal routing
3. Applications
The device is designed for high-speed receiver and transmitter port protection:
• Smartphones, tablet computers, Mobile Internet Devices (MID) and portable devices
• TVs and monitors
• DVD recorders and players
• Notebooks, main board graphic cards and ports
• Set-top boxes and game consoles


Similar Part No. - PUSB3FA1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3FA1 NEXPERIA-PUSB3FA1 Datasheet
618Kb / 13P
ESD protection for ultra high-speed interfaces
21 August 2018
More results

Similar Description - PUSB3FA1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR4 PHILIPS-PUSB3FR4_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 1-26 January 2015
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com