Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/18CE1D4 Datasheet(PDF) 13 Page - Amphenol PCD, Inc

Part # M28840/18CE1D4
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/18CE1D4 Datasheet(HTML) 13 Page - Amphenol PCD, Inc

Back Button M28840/18CE1D4 Datasheet HTML 9Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 17Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
24
25
M28840/16 PLUG CONNECTOR
M28840/16
A
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/16
Commercial: IN28840/16
A: Aluminum, Cadmium Plate, O.D.
over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2A
V
Thread Class 2A
Q Ø Max.
A
11
.750-1P-.2L-DS
3/4-20 UNEF
(1.028) 26.11
B
13
.875-1P-.2L-DS
7/8-20 UNEF
(1.141) 28.98
C
15
1.062-1P-.2L-DS
1-20 UNEF
(1.263) 32.08
D
17
1.125-1P-.2L-DS
1 1/8-18 UNEF
(1.387) 35.23
E
19
1.312-1P-.2L-DS
1 1/4-18 UNEF
(1.513) 38.43
F
23
1.500-1P-.2L-DS
1 7/16-18 UNEF
(1.703) 43.26
G
25
1.625-1P-.2L-DS
1 9/16-18 UNEF
(1.825) 46.36
H
29
1.812-1P-.2L-DS
1 7/8-16 UN
(2.143) 54.43
J
33
2.000-1P-.2L-DS
2 1/16-16 UNS
(2.329) 59.16
+-
M28840/15 PROTECTIVE PLUG COVER
M28840/15
G
A
W
DESIGNATION
SHELL SIZE
CHAIN ATTACHMENT STYLE
MATERIAL & FINISH
QPL: M28840/15
Commercial: IN28840/15
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
A: Link Chain WITH Fastener
B: Link Chain WITH Ring for Jam-Nut
Mounting Receptacle
W: Aluminum, Cadmium Plate, O.D. over
Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
TABLE A
Military
Shell Size
Shell Size
E
Thread Class 2B
F Ø Max.
A
11
.750-1P-.2L-DS
(1.028) 26.21
B
13
.875-1P-.2L-DS
(1.141) 28.98
C
15
1.062-1P-.2L-DS
(1.263) 32.08
D
17
1.125-1P-.2L-DS
(1.387) 35.23
E
19
1.312-1P-.2L-DS
(1.108) 28.14
F
23
1.500-1P-.2L-DS
(1.293) 32.84
G
25
1.625-1P-.2L-DS
(1.454) 36.93
H
29
1.812-1P-.2L-DS
(1.620) 41.15
J
33
2.000-1P-.2L-DS
(1.812) 46.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com