Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/18CE1D4 Datasheet(PDF) 19 Page - Amphenol PCD, Inc

Part # M28840/18CE1D4
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/18CE1D4 Datasheet(HTML) 19 Page - Amphenol PCD, Inc

Back Button M28840/18CE1D4 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 22Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 23Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
36
37
TABLE A
DASH #
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C
Thread Class 2
D Ø Max.
Sealing Range
Conduit Size
M28840/4
E Max.
Max..
Min..
01
A
11
.750-20 UNEF
(1.028) 26.11
.875-20 UNEF
"(1.031)
26.19"
(.63) 16.0
(.50) 12.7
03
(2.36) 59.9
02
B
13
.875-20 UNEF
(1.141) 28.98
.875-20 UNEF
(.63) 16.0
(.50) 12.7
03
03
B
13
1.000-20 UNEF
(.75) 19.1
(.63) 16.0
04
04
C
15
1.000-20 UNEF
(1.263) 32.08
.875-20 UNEF
"(1.281)
32.50"
(.63) 16.0
(.50) 12.7
03
(2.56) 65.0
05
C
15
1.000-20 UNEF
(.75) 19.1
(.63) 16.0
04
06
C
15
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
05
07
C
15
1.250-18 UNEF
"(1.531)
38.80"
(1.00) 25.4
(.88) 22.4
06
(2.67) 67.8
08
D
17
1.125-18 UNEF
(1.387) 38.23
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
05
09
D
17
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
06
10
D
17
1.625-18 UNEF
(1.38) 35.1
(1.19) 22
08
11
E
19
1.250-18 UNEF
(1.513) 38.43
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
05
12
E
19
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
06
13
E
19
1.625-18 UNEF
"(1.781)
45.24"
(1.38) 35.1
(1.19) 30.2
08
(3.05) 77.5
14
F
23
1.438-18 UNEF
(1.703) 45.51
1.250-18 UNEF
(1.000) 25.4
(.88) 22.4
06
15
F
23
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
08
16
F
23
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
10
17
G
25
1.562-18 UNEF
(1.825) 46.35
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
06
18
G
25
1.625-18 UNEF
(1.38) 41.4
(1.19) 30.2
08
19
G
25
1.875-18 UNS
(1.43) 41.4
(1.44) 36.6
10
20
G
25
2.125-16 UN
"(2.031)
51.59"
(1.88) 47.8
(1.63) 41.4
12
(3.33) 84.6
21
H
29
1.875-16 UNS
(2.143) 54.43
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
10
22
H
29
2.125-16 UN
(1.88) 47.8
(1.63) 41.4
12
23
J
33
2.062-16 UNS
(2.329) 50.16
2.125-16 UN
"(2.531)
64.29"
(1.88) 47.8
(1.63) 41.4
12
(3.70) 94.0
24
J
33
2.750-16 UN
(2.38) 60.5
(2.13) 54.1
16
25
A
11
.750-20 UNEF
(1.028) 16.11
.875-20 UNEF
"(1.031)
26.19"
(.75) 19.1
(.63) 16.0
04
(2.36) 59.9
M28840/27 45o EMI CONDUIT ADAPTER
M28840/27
16
W
A
DESIGNATION
DASH #
MATERIAL & FINISH
BACKSHELL STYLE
QPL: M28840/27
Commercial: IN28840/27
See Table A
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
A: EMI, Non-Environmental
B: EMI, Environmental
TABLE A
Military
Shell Size
Shell Size
Backshell
Shell Size
A
Cable Enrty
B
Thread Class 2B
E Max.
L Max.
Max.
Min.
A
11
A
(.312) 7.92
(.188) 4.77
.750-1P-.2L-DS
(.938) 23.82
(6.500) 165.1
A
11
B
(.438) 11.12
( .281) 7.13
(1.175) 28.57
(6.500) 165.1
A
11
C
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.500) 165.1
B
13
A
(.312) 7.92
(.188) 4.77
.875-1P-.2L-DS
(.938) 23.82
(6.500) 165.1
B
13
B
(.438) 11.12
(.281) 7.13
(1.125) 28.57
(6.500) 165.1
B
13
C
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.500) 165.1
B
13
D
(.652) 16.56
(.375) 9.52
(1.312) 33.32
(7.000) 177.8
C
15
A
(.438) 11.12
(.281) 7.13
1.062-1P-.2L-DS
(1.125) 28.57
(6.500) 165.1
C
15
B
(.562) 14.27
(.347) 8.73
(1.312) 33.32
(6.500) 165.1
C
15
C
(.625) 15.87
(.375) 9.52
(1.312) 33.32
(6.500) 165.1
C
15
D
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(6.500) 165.1
C
15
E
(.312) 7.92
(.188) 4.77
(0.938) 23.82
(7.000) 177.8
D
17
A
(.625) 15.87
(.375) 9.52
1.125-1P-.2L-DS
(1.312) 33.32
(7.000) 177.8
D
17
B
(.750) 19.05
(.438) 11.12
( 1.595 40.46
(7.000) 177.8
D
17
C
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.000) 177.8
E
19
A
(.625) 15.87
(.375) 9.52
1.312-1P-.2L-DS
(1.312) 33.32
(7.500) 190.5
E
19
B
(.938) 23.82
(.625) 15.87
(1.730) 44.15
(7.625) 193.67
F
23
A
(.750) 19.05
(.438) 11.12
1.500-1P-.2L-DS
(1.593) 40.46
(7.812) 193.42
F
23
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.625) 193.67
F
23
C
(1.188) 30.17
(.812) 20.62
(2.093) 53.16
(7.625) 193.67
G
25
A
(.938) 23.82
(.625) 15.87
1.625-1P-.2L-DS
(1.750) 44.45
(7.625) 193.67
G
25
B
(1.188) 30.17
(.812) 20.62
(2.093) 53.16
(7.625) 193.67
G
25
C
(1.250) 31.75
(.875) 22.22
( 2.093) 53.16
(8.312) 211.12
G
25
D
(1.380) 35.05
(1.00) 25.4
(2.343) 59.51
(8.312) 211.12
H
29
A
(1.188) 30.17
(.812) 20.62
1.812-1P-.2L-DS
(2.093) 53.16
(8.312) 211.12
H
29
B
(1.380) 35.05
(1.00) 25.4
(2.343) 59.51
(8.312) 211.12
J
33
A
(1.380) 35.05
(1.00) 25.4
2.000-1P-.2L-DS
(2.343) 59.51
(8.312) 211.12
J
33
B
(1.625) 41.27
(1.256) 31.75
(2.750) 69.85
(8.625) 219.8
M28840/26 PLUG CONNECTOR WITH STRAIGHT EMI/RFI BACKSHELL
M28840/26
C
G
1
A
A
P
1
DESIGNATION
MATERIAL & FINISH
SHELL
SIZE
INSERT BACKSHELL
SIZE
BACKSHELL STYLE
CONTACT
KEY
POSITION
QPL: M28840/26
Commercial: IN28840/26
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
A
B
C
D
A: EMI Environmental
B: Environmental
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com